Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7462DQ0R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7462DQ0R2G
Description  LIN/CAN SBC/System-IC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7462DQ0R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7462DQ0R2G Datasheet HTML 1Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 2Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 3Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 4Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 5Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 6Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 7Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 8Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
NCV7462
www.onsemi.com
4
Table 1. PIN DESCRIPTION
Pin #
Comment
Description
Pin Name
22
WU3
HV input
Voltage−sense input (threshold typ. VS/2), switched pull−up/down
23
OP1OUT
HV analog output
Opamp output
24
OP1−
Analog input
Opamp input
25
OP1+
Analog input
Opamp input
26
OUT4
HS driver
Resistive loads, Ron 7
W typ, Ilim > 140 mA
27
OUT3/FSO
HS driver
Resistive loads, Ron 7
W typ, Ilim > 140 mA / FSO output
28
OUT2
HS driver
Resistive loads, Ron 7
W typ, Ilim > 140 mA
29
OUT1
HS driver
Resistive loads, Ron 2
W/7 W typ, Ilim > 250 mA/140 mA (two configura-
tions)
30
OUT_HS
HS driver
Resistive loads, Ron 1
W typ, Ilim > 1000 mA
31
VS
Battery supply input
Principle power−supply of the device
32
INH
HS output
Battery related output to switch off the LIN master resisor or to control an
external voltage regulator
33
LIN
LIN bus interface
LIN bus pin, low in dominant state
34
LS1
LS driver
Relay driver, Ron 3
W typ, Ilim > 250 mA, active clamp to ground
35
LS2
LS driver
Relay driver, Ron 3
W typ, Ilim > 250 mA, active clamp to ground
36
GND2
Ground/test pin
Ground connection in the application / test pin in the production


Similar Part No. - NCV7462DQ0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7462DQ0R2G ONSEMI-NCV7462DQ0R2G Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
April, 2016 ??Rev. 4
More results

Similar Description - NCV7462DQ0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_16 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
April, 2016 ??Rev. 4
logo
ELMOS Semiconductor AG
E520.34 ELMOS-E520.34 Datasheet
901Kb / 33P
   System basis chip (SBC) for LIN applications
logo
ATMEL Corporation
ATA663454 ATMEL-ATA663454_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
ATA663431 ATMEL-ATA663431_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com