Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7462DQ0R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV7462DQ0R2G
Description  LIN/CAN SBC/System-IC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7462DQ0R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV7462DQ0R2G Datasheet HTML 1Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 2Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 3Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 4Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 5Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 6Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 7Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 8Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
NCV7462
www.onsemi.com
2
BLOCK DIAGRAM
Figure 1. Block Diagram
NCV7462
Logic
Protection:
Short circuit
Open load
Over−temperature
Under/over voltage
OP1
OP1+
OP1−
OP1OUT
OP2
OP2+
OP2−
OP2OUT
LS1
LS2
OUT_HS
OUT1
OUT2
OUT3/FSO
OUT4
WU1
WU2
WU3
VR1
5 V / 250 mA
VR2
5 V / 50 mA
SPI
LIN
CAN
VR1
VR2
Watchdog
CSN
SCLK
SDI
SDO
NRES
TxDL/FLASH
RxDL/INTN
TxDC/FLASH
RxDC
VCC_CAN
INH switch
VS
Local
wakeup
detector
Low−Side
Low−Side
High−Side
VS
High−Side
VS
High−Side
VS
High−Side
VS
High−Side
VS
STATUS_2
CONTROL_3
CONTROL_2
CONTROL_1
CONTROL_0
STATUS_1
STATUS_0
ROM
PWM_3
PWM_1/2
PWM
Timer1/2
136
32
33
2
46
5
3
7
16
12
11
19
18
17
8
10
9
31
34
24
25
35
14
13
23
15
30
27
28
29
26
22
21
20
Table of Contents
Block Diagram
2
.....................................
Pin-Out
3
...........................................
Pin Description
3
.....................................
Application Circuit
5
..................................
Maximum Ratings
6
..................................
Recommended Operating Conditions
7
...................
Thermal Data
7
......................................
Electrical Characteristics
9
.............................
Functional Description
27
..............................
SPI Control
41
.......................................


Similar Part No. - NCV7462DQ0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7462DQ0R2G ONSEMI-NCV7462DQ0R2G Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
April, 2016 ??Rev. 4
More results

Similar Description - NCV7462DQ0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_16 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
April, 2016 ??Rev. 4
logo
ELMOS Semiconductor AG
E520.34 ELMOS-E520.34 Datasheet
901Kb / 33P
   System basis chip (SBC) for LIN applications
logo
ATMEL Corporation
ATA663454 ATMEL-ATA663454_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
ATA663431 ATMEL-ATA663431_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com