Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV20072DTBR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV20072DTBR2G
Description  Operational Amplifier, Railto- Rail Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV20072DTBR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV20072DTBR2G Datasheet HTML 5Page - ON Semiconductor NCV20072DTBR2G Datasheet HTML 6Page - ON Semiconductor NCV20072DTBR2G Datasheet HTML 7Page - ON Semiconductor NCV20072DTBR2G Datasheet HTML 8Page - ON Semiconductor NCV20072DTBR2G Datasheet HTML 9Page - ON Semiconductor NCV20072DTBR2G Datasheet HTML 10Page - ON Semiconductor NCV20072DTBR2G Datasheet HTML 11Page - ON Semiconductor NCV20072DTBR2G Datasheet HTML 12Page - ON Semiconductor NCV20072DTBR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
NCS20071, NCV20071, NCS20072, NCV20072, NCS20074, NCV20074
www.onsemi.com
9
ELECTRICAL CHARACTERISTICS AT VS = 10 V
TA = 25°C; RL ≥ 10 kW; VCM = VOUT = mid−supply unless otherwise noted. All limits are guaranteed by testing or statistical analysis.
Boldface limits apply over the specified temperature range, TA = −40°C to 125°C. (Notes 19, 20)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
1.3
±3
mV
+4
mV
Offset Voltage Drift
DVOS/DT
TA = 25°C to 125°C
2
mV/°C
Input Bias Current (Note 20)
IIB
5
200
pA
1500
Input Offset Current (Note 20)
IOS
NCx20072
2
75
pA
500
NCx20074
2
75
200
Channel Separation
XTLK
DC
NCx20072
100
dB
NCx20074
115
Differential Input Resistance
RID
50
G
W
Common Mode Input Resistance
RIN
5
G
W
Differential Input Capacitance
CID
1.5
pF
Common Mode Input Capacitance
CCM
3.5
pF
Common Mode Rejection Ratio
CMRR
VCM = VSS + 0.2 V to
VDD − 1.35 V
NCx20072
110
130
dB
87
VCM = VSS to VDD
1.35 V (Note 21)
NCx20074
110
130
dB
87
OUTPUT CHARACTERISTICS
Open Loop Voltage Gain
AVOL
98
120
dB
88
Output Current Capability (Note 22)
IO
Op amp sinking current
50
mA
Op amp sourcing current
65
Output Voltage High
VOH
Voltage output swing from positive rail
0.023
0.08
V
0.10
Output Voltage Low
VOL
Voltage output swing from negative rail
0.022
0.3
V
0.35
AC CHARACTERISTICS
Unity Gain Bandwidth
UGBW
CL = 25 pF
3.2
MHz
Slew Rate at Unity Gain
SR
CL = 20 pF, RL = 2 kW
2.2
V/
ms
Phase Margin
öm
CL = 25 pF
50
°
Gain Margin
Am
CL = 25 pF
14
dB
Settling Time
tS
VO = 8.5 Vpp,
Gain = 1, CL = 20 pF
Settling time to 0.1%
3.4
ms
Settling time to 0.01%
6.8
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
19. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
20. Performance guaranteed over the indicated operating temperature range by design and/or characterization.
21. Effective for the NCx20074 until FPCN 20949 is implemented. After the FPCN is implemented, the NCx20074 condition will change to VCM
= VSS + 0.2 V to VDD − 1.35 V.
22. Power dissipation must be limited to prevent junction temperature from exceeding 150
°C. See Absolute Maximum Ratings for more infor-
mation.


Similar Part No. - NCV20072DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV20072DTBR2G ONSEMI-NCV20072DTBR2G Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
More results

Similar Description - NCV20072DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_V01 Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071 Datasheet
967Kb / 24P
   Rail-to-Rail Output, BW Operational Amplifier
July, 2014 ??Rev. 1
logo
Analog Devices
ADA4895-1 AD-ADA4895-1 Datasheet
591Kb / 24P
   Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com