Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS36000DRG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS36000DRG
Description  Passive Infrared (PIR) Detector Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS36000DRG Datasheet(HTML) 4 Page - ON Semiconductor

  NCS36000DRG Datasheet HTML 1Page - ON Semiconductor NCS36000DRG Datasheet HTML 2Page - ON Semiconductor NCS36000DRG Datasheet HTML 3Page - ON Semiconductor NCS36000DRG Datasheet HTML 4Page - ON Semiconductor NCS36000DRG Datasheet HTML 5Page - ON Semiconductor NCS36000DRG Datasheet HTML 6Page - ON Semiconductor NCS36000DRG Datasheet HTML 7Page - ON Semiconductor NCS36000DRG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCS36000
www.onsemi.com
4
APPLICATIONS INFORMATION
Oscillator
The oscillator uses an external resistor and capacitor to set
the system clock frequency. Multiple clock frequencies can
be selected using different combinations of resistors and
capacitors. Figure 2 shows a simplifier block diagram for
the system oscillator.
+
+
OSC
13
Q
Q
SET
CLR
S
R
14
VDD
Figure 2. Block Diagram of System Oscillator Circuit
LDO Regulator
The LDO regulator provides the reference voltage for the
sensor and all other analog blocks within the system. The
nominal voltage reference for the sensor is 2.7 V
±5%. An
external capacitor is needed on the VREF pin to guarantee
stability of the regulator.
Differential Amplifiers
The two differential amplifiers can be configured as a
bandpass filter to condition the PIR sensor signal for the post
digital signal processing. The cutoff frequencies and
passband gain are set by the external components. See
Figure 5.
10
−1
10
0
10
1
20
30
40
50
60
70
80
Figure 3. Plot Showing Typical Magnitude Response
of Differential Amplifiers When Configured as a
Bandpass Filter
Window Comparator
The window comparator compares the voltage from the
second differential amplifier to two reference voltages from
the LDO regulator. COMP_P triggers if OP2_O is greater
than the Vh voltage and COMP_N triggers if OP2_O is
lower than the Vl voltage. See Figures 4 and 5.
Vh
Vl
Vdd
Vss
Comp_P
Vdd
Vss
Comp_N
OP2_O
Vm
Figure 4. Plot Showing Functionality of Window Comparator for an Analog Input OP2_O


Similar Part No. - NCS36000DRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS36000DRG ONSEMI-NCS36000DRG Datasheet
211Kb / 8P
   Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000DRG ONSEMI-NCS36000DRG Datasheet
189Kb / 8P
   Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
More results

Similar Description - NCS36000DRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS36000DG ONSEMI-NCS36000DG Datasheet
211Kb / 8P
   Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000DG ONSEMI-NCS36000DG Datasheet
189Kb / 8P
   Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
logo
List of Unclassifed Man...
WT8076 ETC-WT8076 Datasheet
48Kb / 8P
   Passive Infrared (PIR) Controller
logo
LSI Computer Systems
LS6501LP LSI-LS6501LP Datasheet
76Kb / 8P
   PIR MOTION DETECTOR
logo
List of Unclassifed Man...
M2006C ETC-M2006C Datasheet
197Kb / 5P
   PIR Motion Detector
HC-SR501 ETC2-HC-SR501 Datasheet
859Kb / 3P
   PIR MOTION DETECTOR
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Holtek Semiconductor In...
HT7M2126 HOLTEK-HT7M2126 Datasheet
4Mb / 25P
   PIR Detector Miniaturized Module
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com