Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS20072DR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS20072DR2G
Description  Operational Amplifier, Railto- Rail Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20072DR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCS20072DR2G Datasheet HTML 1Page - ON Semiconductor NCS20072DR2G Datasheet HTML 2Page - ON Semiconductor NCS20072DR2G Datasheet HTML 3Page - ON Semiconductor NCS20072DR2G Datasheet HTML 4Page - ON Semiconductor NCS20072DR2G Datasheet HTML 5Page - ON Semiconductor NCS20072DR2G Datasheet HTML 6Page - ON Semiconductor NCS20072DR2G Datasheet HTML 7Page - ON Semiconductor NCS20072DR2G Datasheet HTML 8Page - ON Semiconductor NCS20072DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NCS20071, NCV20071, NCS20072, NCV20072, NCS20074, NCV20074
www.onsemi.com
3
1
4
3
2
14
11
12
13
OUT 1
IN− 1
IN+ 1
VDD
OUT 4
IN− 4
IN+ 4
VSS
7
6
5
8
9
10
IN+ 2
IN− 2
OUT 2
IN+ 3
IN− 3
OUT 3
+
+
+
+
Figure 1. Pin Connections
Single Channel Configuration
NCS20071, NCV20071
Dual Channel Configuration
NCS20072, NCV20072
Quadruple Channel Configuration
NCS20074, NCV20074
1
3
2
5
4
OUT
IN−
IN+
VSS
VDD
+
SOT553−5
1
3
2
5
4
OUT
IN−
IN+
VSS
VDD
SOT23−5
(TSOP−5)
1
4
3
2
8
5
6
7
OUT 1
IN− 1
IN+ 1
VSS
VDD
OUT 2
IN− 2
IN+ 2
+
+


Similar Part No. - NCS20072DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20072DR2G ONSEMI-NCS20072DR2G Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
More results

Similar Description - NCS20072DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_V01 Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071 Datasheet
967Kb / 24P
   Rail-to-Rail Output, BW Operational Amplifier
July, 2014 ??Rev. 1
logo
Analog Devices
ADA4895-1 AD-ADA4895-1 Datasheet
591Kb / 24P
   Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com