Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2211DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS2211DR2G
Description  Low Distortion Audio Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2211DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCS2211DR2G Datasheet HTML 1Page - ON Semiconductor NCS2211DR2G Datasheet HTML 2Page - ON Semiconductor NCS2211DR2G Datasheet HTML 3Page - ON Semiconductor NCS2211DR2G Datasheet HTML 4Page - ON Semiconductor NCS2211DR2G Datasheet HTML 5Page - ON Semiconductor NCS2211DR2G Datasheet HTML 6Page - ON Semiconductor NCS2211DR2G Datasheet HTML 7Page - ON Semiconductor NCS2211DR2G Datasheet HTML 8Page - ON Semiconductor NCS2211DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2014
May, 2014 − Rev. 3
1
Publication Order Number:
NCS2211/D
NCS2211, NCV2211
Low Distortion Audio Power
Amplifier with Differential
Output and Shutdown Mode
Product Description
The NCS2211 is a high performance, low distortion Class A/B
audio amplifier. It is capable of delivering 1 W of output power into an
8
W speaker bridge−tied load (BTL). The NCS2211 will operate over a
wide temperature range, and it is specified for single−supply voltage
operation for portable applications.
It features low distortion performance, 0.2% typical THD + N @
1 W and incorporates a shutdown/enable feature to extend battery life.
The shutdown/enable feature will reduce the quiescent current to 1
mA
maximum.
The NCS2211 is designed to operate over the −40
°C to +85°C
temperature range, and is available in an 8−lead SOIC package and a
3 X 3 mm DFN8 package. The SOIC package is pin compatible with
equivalent function and comparable performance to competitive
devices as is the DFN8 package. The DFN8 has a low thermal
resistance of only 70
°C/W plus has an exposed metal pad to facilitate
heat conduction to copper PCB material.
Low distortion, high power, low quiescent current, and small
packaging makes the NCS2211 suitable for applications including
notebook and desktop computers, PDA’s, and speaker phones.
Features
Differential Output
1.0 W into an 8 W Speaker
1.5 W into a 4 W Speaker
Single Supply Operation: 2.7 V to 5.5 V
THD+N: 0.2% @ 1 W Output
Low Quiescent Current: 20 mA Max
Shutdown Current < 1.0 mA
Excellent Power Supply Rejection
Two Package Options: SOIC−8 Package and DFN8
Pin Compatible with Competitive Devices
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Desktop Computers
Notebook Computers
PDA’s
Speaker Phones
Games
MARKING
DIAGRAMS
http://onsemi.com
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
SOIC−8
D SUFFIX
CASE 751
1
8
N2211
ALYW
G
G
1
8
PIN ASSIGNMENT
1
N2211
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
NAME
PIN
DESCRIPTION
Enable
Enable (LOW)/Shutdown (HIGH)
2
Bias
Bias Output at (VCC−VEE)/2;
Bypass with Capacitor to
Reduce Noise
3
IN+
Non−Inverting Input
4
IN−
Inverting Input
5
OUT+
Output+
6
VCC
Positive Supply (Bypass with
10
mF in parallel with 0.1 mF)
7
VEE
Negative Supply (Connect to GND
for Single−Supply Operation)
8
OUT−
Output−
DFN8
MN SUFFIX
CASE 506BJ
N2211
ALYW
G
G
18
1


Similar Part No. - NCS2211DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2211DR2G ONSEMI-NCS2211DR2G Datasheet
132Kb / 10P
   Low Distortion Audio Power Amplifier with Differential Output and Shutdown Mode
February, 2008 - Rev. 0
More results

Similar Description - NCS2211DR2G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211_15 Datasheet
383Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211_07 Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211 AD-SSM2211 Datasheet
212Kb / 16P
   Low Distortion 1.5 Watt Audio Power Amplifier
REV. 0
logo
ON Semiconductor
NCS2211 ONSEMI-NCS2211 Datasheet
132Kb / 10P
   Low Distortion Audio Power Amplifier with Differential Output and Shutdown Mode
February, 2008 - Rev. 0
logo
Texas Instruments
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
logo
Eutech Microelectronics...
EUA2032 EUTECH-EUA2032 Datasheet
155Kb / 1P
   Low EMI, Ultra-Low Distortion, 2.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Texas Instruments
OPA1678_1807 TI1-OPA1678_1807 Datasheet
1Mb / 48P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com