Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1341 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1341
Description  High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1341 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1341 Datasheet HTML 2Page - ON Semiconductor NCP1341 Datasheet HTML 3Page - ON Semiconductor NCP1341 Datasheet HTML 4Page - ON Semiconductor NCP1341 Datasheet HTML 5Page - ON Semiconductor NCP1341 Datasheet HTML 6Page - ON Semiconductor NCP1341 Datasheet HTML 7Page - ON Semiconductor NCP1341 Datasheet HTML 8Page - ON Semiconductor NCP1341 Datasheet HTML 9Page - ON Semiconductor NCP1341 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
NCP1341
www.onsemi.com
6
Table 4. ELECTRICAL CHARACTERISTICS: (VCC = 12 V, VHV = 120 V, VFault = open, VFB = 2 V, VCS = 0 V, VZCD = 0 V, VFMAX =
0 V, CVCC = 100 nF , CDRV = 100 pF, for typical values TJ = 25°C, for min/max values, TJ is – 40°C to 125°C, unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Conditions
FEEDBACK
Valley Thresholds
Transition from 1st to 2nd valley
Transition from 2nd to 3rd valley
Transition from 3rd to 4th valley
Transition from 4th to 5th valley
Transition from 5th to 6th valley
Transition from 6th to 5th valley
Transition from 5th to 4th valley
Transition from 4th to 3rd valley
Transition from 3rd to 2nd valley
Transition from 2nd to 1st valley
VFB decreasing
VFB decreasing
VFB decreasing
VFB decreasing
VFB decreasing
VFB increasing
VFB increasing
VFB increasing
VFB increasing
VFB increasing
V1to2
V2to3
V3to4
V4to5
V5to6
V6to5
V5to4
V4to3
V3to2
V2to1
0.987
0.846
0.776
0.705
0.635
1.199
1.269
1.340
1.410
1.551
1.050
0.900
0.825
0.750
0.675
1.275
1.350
1.425
1.500
1.650
1.113
0.954
0.874
0.795
0.715
1.352
1.431
1.511
1.590
1.749
V
Maximum Frequency Clamp
Versions A2/B2/C2/D2/E2/F2
Versions A3/B3/C3/D3/E3/F3
Versions A3/B3/C3/D3/E3/F3
VFMAX = 0.7 V
VFMAX = 3.5 V
fMAX1
fMAX2
fMAX3
100
300
60
110
360
75
120
420
85
kHz
FMAX Secondary Mode Threshold
VFMAX(mode)
3.85
4.00
4.15
V
FMAX Pin Source Current
IFMAX
9.0
10
11
mA
Maximum On Time
ton(MAX)
28
32
40
ms
DEMAGNETIZATION INPUT
ZCD threshold voltage
VZCD decreasing
VZCD(trig)
35
60
90
mV
ZCD hysteresis
VZCD increasing
VZCD(HYS)
15
25
55
mV
Demagnetization Propagation Delay
VZCD step from 4.0 V to −0.3 V
tdemag
80
250
ns
ZCD Clamp Voltage
Positive Clamp
Negative Clamp
IQZCD = 5.0 mA
IQZCD = −2.0 mA
VZCD(MAX)
VZCD(MIN)
12.4
−0.9
12.7
−0.7
13
0
V
Blanking Delay After Turn−Off
tZCD(blank)
2.7
3.0
3.5
ms
Timeout After Last Demagnetization
Detection
While in soft−start
After soft−start complete
t(tout1)
t(tout2)
80
5.1
100
6.0
120
6.9
ms
CURRENT SENSE
Current Limit Threshold Voltage
Version C/D
Version A/B/E/F
VCS increasing
VILIM1
0.76
0.95
0.80
1.00
0.84
1.05
V
Leading Edge Blanking Duration
DRV minimum width minus
tdelay(ILIM1)
tLEB1
220
265
330
ns
Current Limit Threshold Propagation Delay
Step VCS 0 V to VILIM1 + 0.5 V,
VFB = 4 V
tdelay(ILIM1)
95
175
ns
PWM Comparator Propagation Delay
Step VCS 0 V to 0.7 V, VFB = 2 V
tdelay(PWM)
125
175
ns
Minimum Peak Current Freeze Setpoint
Vfreeze
170
200
230
mV
Abnormal Overcurrent Fault Threshold
Version C/D
Version A/B/E/F
VCS increasing, VFB = 4 V
VILIM2
1.125
1.400
1.200
1.500
1.275
1.600
V
Abnormal Overcurrent Fault Blanking
Duration
DRV minimum width minus
tdelay(ILIM2)
tLEB2
80
110
140
ns
Abnormal Overcurrent Fault Propagation
Delay
Step VCS 0 V to VILIM2 + 0.5 V,
VFB = 4 V
tdelay(ILIM2)
80
175
ns
Number of Consecutive Abnormal Overcur-
rent Faults to Enter Latch Mode
nILIM2
4
Overpower Protection Delay
VCS dv/dt = 1 V/ms, measured from
VOPP(MAX) to DRV falling edge
tOPP(delay)
95
175
ns
Overpower Signal Blanking Delay
tOPP(blank)
220
280
330
ns
Pull−Up Current Source
VCS = 1.5 V
ICS
0.7
1.0
1.5
mA


Similar Part No. - NCP1341

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1341 ONSEMI-NCP1341 Datasheet
1Mb / 41P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 4
NCP1341 ONSEMI-NCP1341 Datasheet
1Mb / 42P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
January, 2021 - Rev. 7
NCP1341A1D1R2G ONSEMI-NCP1341A1D1R2G Datasheet
1Mb / 41P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 4
NCP1341A1D1R2G ONSEMI-NCP1341A1D1R2G Datasheet
1Mb / 42P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
January, 2021 - Rev. 7
NCP1341B1D1R2G ONSEMI-NCP1341B1D1R2G Datasheet
1Mb / 41P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 4
More results

Similar Description - NCP1341

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1340 ONSEMI-NCP1340_17 Datasheet
1Mb / 40P
   High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 7
NCP1340 ONSEMI-NCP1340_V01 Datasheet
1Mb / 43P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
March, 2021 - Rev. 17
NCP1341 ONSEMI-NCP1341_17 Datasheet
1Mb / 41P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 4
NCP1340 ONSEMI-NCP1340_16 Datasheet
1Mb / 39P
   High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
September, 2016 ??Rev. 0
NCP1340 ONSEMI-NCP1340 Datasheet
1Mb / 32P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
April, 2016 ??Rev. P1
NCP1341 ONSEMI-NCP1341_V01 Datasheet
1Mb / 42P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
January, 2021 - Rev. 7
NCP1339 ONSEMI-NCP1339 Datasheet
329Kb / 31P
   High-Voltage, Quasi-Resonant Controller featuring Valley Lock-Out
August, 2015 ??Rev. 3
NCP1339 ONSEMI-NCP1339_V01 Datasheet
444Kb / 33P
   High-Voltage, Quasi-Resonant Controller featuring Valley Lock-Out and Power Saving Mode
February, 2017 - Rev. 6
NCP1339 ONSEMI-NCP1339_16 Datasheet
364Kb / 32P
   High-Voltage, QuasiResonant Controller featuring Valley Lock-Out and Power Saving Mode
April, 2016 ??Rev. 5
FAN105B ONSEMI-FAN105B Datasheet
659Kb / 19P
   PSR Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com