Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB82AA2B Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TSB82AA2B
Description  OHCI-Lynx Controller
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB82AA2B Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSB82AA2B Datasheet HTML 4Page - Texas Instruments TSB82AA2B Datasheet HTML 5Page - Texas Instruments TSB82AA2B Datasheet HTML 6Page - Texas Instruments TSB82AA2B Datasheet HTML 7Page - Texas Instruments TSB82AA2B Datasheet HTML 8Page - Texas Instruments TSB82AA2B Datasheet HTML 9Page - Texas Instruments TSB82AA2B Datasheet HTML 10Page - Texas Instruments TSB82AA2B Datasheet HTML 11Page - Texas Instruments TSB82AA2B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
1−1
1 Introduction
This chapter provides an overview of the Texas Instruments TSB82AA2B device and its features.
1.1 Description
The TSB82AA2B OHCI-Lynx™ controller is a discrete 1394b link-layer device, which has been designed to meet the
demanding requirements of today’s 1394 bus designs. The TSB82AA2B device is capable of exceptional 800M bit/s
performance; thus, providing the throughput and bandwidth to move data efficiently and quickly between the PCI and
1394 buses. The TSB82AA2B device also provides outstanding ultra-low power operation and intelligent power
management capabilities. The device provides the IEEE Std 1394 link function and is compatible with 100M bit/s,
200M bit/s, 400M bit/s, and 800M bit/s serial bus data rates.
TSB82AA2B improved throughput and increased bandwidth make it ideal for today’s high-end PCs and open the door
for the development of S800 RAID- and SAN-based peripherals.
The TSB82AA2B OHCI-Lynx controller operates as the interface between a 33-MHz/64-bit or 33-MHz/32-bit PCI
local bus and a compatible 1394b physical layer (PHY) device (such as the TSB81BA3 device) that is capable of
supporting serial data rates at 98.304M, 196.608M, 393.216M, or 786.432M bit/s (referred to as S100, S200, S400,
or S800 speeds, respectively). When acting as a PCI bus master, the TSB82AA2B device is capable of multiple
cacheline bursts of data, which can transfer at 264M bytes/s for 64-bit transfers or 132M bytes/s for 32-bit transfers
after connecting to the memory controller.
Due to the high throughput potential of the TSB82AA2B, it possible to encounter large PCI and legacy 1394 bus
latencies, which can cause the 1394 data to be overrun. To overcome this potential problem, the TSB82AA2B
implements deep transmit and receive FIFOs (see Section 1.2, Features, for FIFO size information) to buffer the 1394
data, thus preventing possible problems due to bus latency. This also ensures that the device can transmit and receive
sustained maximum size isochronous or asynchronous data payloads at S800.
The TSB82AA2B device implements other performance enhancements to improve overall performance of the device,
such as: a highly tuned physical data path for enhanced SBP-2 performance, physical post writing buffers, multiple
isochronous contexts, and advanced internal arbitration.
The TSB82AA2B also implements hardware enhancements to better support digital video (DV) and MPEG data
stream reception and transmission. These enhancements are enabled through the isochronous receive digital video
enhancements register at TI extension offset A80h (see Section 5.4, Isochronous Receive Digital Video
Enhancements Register). These enhancements include automatic timestamp insertion for transmitted DV and
MPEG-formatted streams and common isochronous packet (CIP) header stripping for received DV streams.
The CIP format is defined by the IEC 61883-1:1998 specification. The enhancements to the isochronous data
contexts are implemented as hardware support for the synchronization timestamp for both DV and audio/video CIP
formats. The TSB82AA2B device supports modification of the synchronization timestamp field to ensure that the
value inserted via software is not stale — that is, less than the current cycle timer when the packet is transmitted.
The TSB82AA2B performance and enhanced throughput make it an excellent choice for today’s 1394 PC market;
however, the portable, mobile, and even today’s desktop PCs power management schemes continue to require
devices to use less and less power, and the TI 1394 OHCI-Lynx product line has continued to raise the bar by providing
the lowest power 1394 link-layers in the industry. The TSB82AA2B represents the next evolution of TI commitment
to meet the challenge of power-sensitive applications. The TSB82AA2B has ultra-low operational power
requirements and intelligent power management capabilities that allow it to autonomously conserve power based on
the device usage.


Similar Part No. - TSB82AA2B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB82AA2B TI-TSB82AA2B Datasheet
79Kb / 5P
[Old version datasheet]   1394b OHCI-Lynx??CONTROLLER
TSB82AA2BPGE TI-TSB82AA2BPGE Datasheet
79Kb / 5P
[Old version datasheet]   1394b OHCI-Lynx??CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com