Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M28W320ECB90ZB6T Datasheet(PDF) 10 Page - STMicroelectronics

Part # M28W320ECB90ZB6T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECB90ZB6T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M28W320ECB90ZB6T Datasheet HTML 6Page - STMicroelectronics M28W320ECB90ZB6T Datasheet HTML 7Page - STMicroelectronics M28W320ECB90ZB6T Datasheet HTML 8Page - STMicroelectronics M28W320ECB90ZB6T Datasheet HTML 9Page - STMicroelectronics M28W320ECB90ZB6T Datasheet HTML 10Page - STMicroelectronics M28W320ECB90ZB6T Datasheet HTML 11Page - STMicroelectronics M28W320ECB90ZB6T Datasheet HTML 12Page - STMicroelectronics M28W320ECB90ZB6T Datasheet HTML 13Page - STMicroelectronics M28W320ECB90ZB6T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
M28W320ECT, M28W320ECB
10/53
BUS OPERATIONS
There are six standard bus operations that control
the device. These are Bus Read, Bus Write, Out-
put Disable, Standby, Automatic Standby and Re-
set. See Table 2, Bus Operations, for a summary.
Typically glitches of less than 5ns on Chip Enable
or Write Enable are ignored by the memory and do
not affect bus operations.
Read. Read Bus operations are used to output
the contents of the Memory Array, the Electronic
Signature, the Status Register and the Common
Flash Interface. Both Chip Enable and Output En-
able must be at VIL in order to perform a read op-
eration. The Chip Enable input should be used to
enable the device. Output Enable should be used
to gate data onto the output. The data read de-
pends on the previous command written to the
memory (see Command Interface section). See
Figure 9, Read Mode AC Waveforms, and Table
16, Read AC Characteristics, for details of when
the output becomes valid.
Read mode is the default state of the device when
exiting Reset or after power-up.
Write. Bus Write operations write Commands to
the memory or latch Input Data to be programmed.
A write operation is initiated when Chip Enable
and Write Enable are at VIL with Output Enable at
VIH. Commands, Input Data and Addresses are
latched on the rising edge of Write Enable or Chip
Enable, whichever occurs first.
See Figures 10 and 11, Write AC Waveforms, and
Tables 17 and 18, Write AC Characteristics, for
details of the timing requirements.
Output Disable. The data outputs are high im-
pedance when the Output Enable is at VIH.
Standby. Standby disables most of the internal
circuitry allowing a substantial reduction of the cur-
rent consumption. The memory is in stand-by
when Chip Enable is at VIH and the device is in
read mode. The power consumption is reduced to
the stand-by level and the outputs are set to high
impedance, independently from the Output Enable
or Write Enable inputs. If Chip Enable switches to
VIH during a program or erase operation, the de-
vice enters Standby mode when finished.
Automatic Standby. Automatic
Standby
pro-
vides a low power consumption state during Read
mode. Following a read operation, the device en-
ters Automatic Standby after 150ns of bus inactiv-
ity even if Chip Enable is Low, VIL, and the supply
current is reduced to IDD1. The data Inputs/Out-
puts will still output data if a bus Read operation is
in progress.
Reset. During Reset mode when Output Enable
is Low, VIL, the memory is deselected and the out-
puts are high impedance. The memory is in Reset
mode when Reset is at VIL. The power consump-
tion is reduced to the Standby level, independently
from the Chip Enable, Output Enable or Write En-
able inputs. If Reset is pulled to VSS during a Pro-
gram or Erase, this operation is aborted and the
memory content is no longer valid.
Table 2. Bus Operations
Note: X = VIL or VIH, VPPH = 12V ± 5%.
Operation
E
G
W
RP
WP
VPP
DQ0-DQ15
Bus Read
VIL
VIL
VIH
VIH
X
Don’t Care
Data Output
Bus Write
VIL
VIH
VIL
VIH
X
VDD or VPPH
Data Input
Output Disable
VIL
VIH
VIH
VIH
X
Don’t Care
Hi-Z
Standby
VIH
XX
VIH
X
Don’t Care
Hi-Z
Reset
X
X
X
VIL
X
Don’t Care
Hi-Z


Similar Part No. - M28W320ECB90ZB6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W320EB-ZB STMICROELECTRONICS-M28W320EB-ZB Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EB-ZBT STMICROELECTRONICS-M28W320EB-ZBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EBB STMICROELECTRONICS-M28W320EBB Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EBB10N1 STMICROELECTRONICS-M28W320EBB10N1 Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EBB10N1T STMICROELECTRONICS-M28W320EBB10N1T Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M28W320ECB90ZB6T

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com