Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS521 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TSS521
Description  Meter-Bus Transceiver (for Slave) Meets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSS521 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSS521 Datasheet HTML 2Page - Texas Instruments TSS521 Datasheet HTML 3Page - Texas Instruments TSS521 Datasheet HTML 4Page - Texas Instruments TSS521 Datasheet HTML 5Page - Texas Instruments TSS521 Datasheet HTML 6Page - Texas Instruments TSS521 Datasheet HTML 7Page - Texas Instruments TSS521 Datasheet HTML 8Page - Texas Instruments TSS521 Datasheet HTML 9Page - Texas Instruments TSS521 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
V
=
VB
V
+ 0.6 V
STC
t
on
V
DDon
V
BUS
V
STC
V
VS
t
off
V
DDoff
V
VDD
V
PF
typical threshold voltage
for power fail PF
STC
VDDoff
off
STC
VDD
CI1
V
– V
t
= C
I
+ I
TSS521
SLAS980 – SEPTEMBER 2013
www.ti.com
Power On and Off
Figure 5. Power On/Off Timing
Power Fail Function
Because of the rectifier bridge BR at the input, BUSL1, and BUSL2, the TSS521 is polarity independent. The pin
VB to ground (GND) delivers the bus voltage VVB less the voltage drop over the rectifier BR. The voltage
comparator TC2 monitors the bus voltage. If the voltage VVB > VSTC + 0.6 V, then the output PF = 1. The output
level PF = 0 (power fail) provides a warning of a critical voltage drop to the microcontroller to save the data
immediately.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - TSS521

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS54L TSC-TSS54L Datasheet
72Kb / 2P
   0.2Amp Surface Mount Schottky Barrier
TSS54L TSC-TSS54L Datasheet
178Kb / 4P
   Surface Mount Schottky
TSS54L TSC-TSS54L_14 Datasheet
178Kb / 4P
   Surface Mount Schottky
TSS54U TSC-TSS54U Datasheet
72Kb / 2P
   0.2Amp Surface Mount Schottky Barrier Diode
TSS54U TSC-TSS54U Datasheet
181Kb / 4P
   Surface Mount Schottky Barrier
More results

Similar Description - TSS521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSS721A TI1-TSS721A Datasheet
262Kb / 14P
[Old version datasheet]   METER-BUS TRANSCEIVER
logo
SHANGHAI BELLING CO., L...
BL15721A BELLING-BL15721A Datasheet
392Kb / 11P
   Meter-Bus Transceiver
logo
ON Semiconductor
NCN5151 ONSEMI-NCN5151 Datasheet
174Kb / 20P
   Wired M-BUS Slave Transceiver
April, 2015 ??Rev. 2
NCN5150 ONSEMI-NCN5150_15 Datasheet
132Kb / 12P
   Wired M-BUS Slave Transceiver
May, 2015 ??Rev. 3
NCN5150 ONSEMI-NCN5150 Datasheet
178Kb / 12P
   Wired M-BUS Slave Transceiver
September, 2013 ??Rev. 2
logo
STMicroelectronics
STEVAL-ISA175V1 STMICROELECTRONICS-STEVAL-ISA175V1 Datasheet
230Kb / 5P
   Meets STCOMET smart meter and power
April 2016 Rev 1
logo
Yamar Electronics Ltd.
SIG61 YAMAR-SIG61 Datasheet
594Kb / 15P
   Smart Slave for DC-BUS Powerline Network
logo
Actel Corporation
EP100 ACTEL-EP100 Datasheet
76Kb / 2P
   EP100 PowerPC Bus Slave
logo
Digital Core Design
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
   I2C Bus Interface - Slave
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com