Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A23167DCTR Datasheet(PDF) 8 Page - Texas Instruments

Part # TS5A23167DCTR
Description  DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23167DCTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS5A23167DCTR Datasheet HTML 4Page - Texas Instruments TS5A23167DCTR Datasheet HTML 5Page - Texas Instruments TS5A23167DCTR Datasheet HTML 6Page - Texas Instruments TS5A23167DCTR Datasheet HTML 7Page - Texas Instruments TS5A23167DCTR Datasheet HTML 8Page - Texas Instruments TS5A23167DCTR Datasheet HTML 9Page - Texas Instruments TS5A23167DCTR Datasheet HTML 10Page - Texas Instruments TS5A23167DCTR Datasheet HTML 11Page - Texas Instruments TS5A23167DCTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TS5A23167
SCDS195A – MAY 2005 – REVISED SEPTEMBER 2012
www.ti.com
Electrical Characteristics for 2.5-V Supply
(1) (continued)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Dynamic
25°C
2.5 V
2
6
10
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
2.3 V to
RL = 50 Ω,
See Figure 17
Full
1
12
2.7 V
25°C
2.5 V
4.5
8
12.5
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
2.3 V to
RL = 50 Ω,
See Figure 17
Full
3
15
2.7 V
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
2.5 V
4
pC
RGEN = 0,
See Figure 21
NC
VNC = V+ or GND,
CNC(OFF)
See Figure 16
25°C
2.5 V
19.5
pF
OFF capacitance
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(OFF)
See Figure 16
25°C
2.5 V
18.5
pF
OFF capacitance
Switch OFF,
NC
VNC = V+ or GND,
CNC(ON)
See Figure 16
25°C
2.5 V
36.5
pF
ON capacitance
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 16
25°C
2.5 V
36.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25°C
2.5 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25°C
2.5 V
150
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
2.5 V
–62
dB
f = 1 MHz,
See Figure 19
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
3.3 V
–85
dB
f = 1 MHz,
See Figure 20
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
2.5 V
0.02
%
distortion
CL = 50 pF,
See Figure 22
Supply
25°C
0.001
0.02
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
2.7 V
μA
current
Full
0.25
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
8
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Links: TS5A23167


Similar Part No. - TS5A23167DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23167DCTR TI-TS5A23167DCTR Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Similar Description - TS5A23167DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23166 TI1-TS5A23166_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
TS5A2066 TI-TS5A2066 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
logo
Renesas Technology Corp
DG211 RENESAS-DG211 Datasheet
551Kb / 8P
   SPST 4-Channel Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com