Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2100 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSC2100
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2100 Datasheet(HTML) 4 Page - Texas Instruments

  TSC2100_16 Datasheet HTML 1Page - Texas Instruments TSC2100_16 Datasheet HTML 2Page - Texas Instruments TSC2100_16 Datasheet HTML 3Page - Texas Instruments TSC2100_16 Datasheet HTML 4Page - Texas Instruments TSC2100_16 Datasheet HTML 5Page - Texas Instruments TSC2100_16 Datasheet HTML 6Page - Texas Instruments TSC2100_16 Datasheet HTML 7Page - Texas Instruments TSC2100_16 Datasheet HTML 8Page - Texas Instruments TSC2100_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
TSC2100
SLAS378− NOVEMBER 2003
www.ti.com
4
ELECTRICAL CHARACTERISTICS
At +25°C, AVDD,DRVDD,IOVDD = 3.3 V, DVDD = 1.8 V, Int. Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TOUCH SCREEN
AUXILIARY ANALOG INPUT
Input voltage range
0
+VREF
V
Input capacitance
AUX selected as input to touch screen ADC
25
pF
Input leakage current
AUX selected as input to touch screen ADC
±1
µA
BATTERY MONITOR INPUTS
Input voltage range
0.5
6.0
V
Input leakage current
Battery conversion not selected
±1
µA
TOUCH SCREEN A/D CONVERTER
Resolution
Programmable: 8-, 10-,12-bits
12
Bits
No missing codes
12-bit resolution
11
Bits
Integral nonlinearity
−5
5
LSB
Offset error
−6
6
LSB
Gain error
Calculated with effect of internal reference
variation removed.
−6
6
LSB
Noise
53
µVrms
AUDIO CODEC
ADC DECIMATION FILTER
Sample rate of 48 ksps
Filter gain from 0 to 0.39Fs
±0.1
dB
Filter gain at 0.4125Fs
−0.25
dB
Filter gain at 0.45Fs
−3
dB
Filter gain at 0.5Fs
−17.5
dB
Filter gain from 0.55Fs to 64Fs
−75
dB
Filter group delay
17/Fs
Sec
MICROPHONE INPUT TO ADC
1 kHz sine wave input, Fs = 48 ksps
Full scale input voltage (0 dB)
By design, not tested in production
0.707
Vrms
Input common mode
By design, not tested in production
1.35
V
SNR
Measured as idle channel noise, 0-dB gain,
A-weighted
80
92
dBA
THD
0.63-Vrms input, 0-dB gain
−89
−72
dB
PSRR
1 kHz, 100 mVpp on AVDD.(1)
57
dB
Mute attenuation
Output code with 0.63-Vrms sine wave input at
1 kHz
0000H
Input resistance
20
kΩ
Input capacitance
10
pF
MICROPHONE BIAS
Voltage
D4 = 0 control register 05H/Page2
2.5
V
g
D4 = 1 control register 05H/Page2
2.0
V
Sourcing current
4.7
mA
(1) ADC PSRR measurement is calculated as:
PSRR + 20 log10
VSIGsup
VADCOUT


Similar Part No. - TSC2100_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2100IDA TI-TSC2100IDA Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2100IDAR TI-TSC2100IDAR Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2100IRHB TI-TSC2100IRHB Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2100IRHBR TI-TSC2100IRHBR Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
More results

Similar Description - TSC2100_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
   Multimedia AC97 CODEC with Integrated Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com