Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5248-1.2YM5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5248-1.2YM5
Description  150mA UCap CMOS LDO Regulator w/Power Good
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5248-1.2YM5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5248-1.2YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5248-1.2YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5248-1.2YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5248-1.2YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5248-1.2YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5248-1.2YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5248-1.2YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5248-1.2YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5248-1.2YM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MIC5248
Micrel
November 2002
3
MIC5248
Electrical Characteristics
V
IN = 2.7V, VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage Accuracy
I
OUT = 100µA
–33
%
–44
%
∆V
LNR
Line Regulation
V
IN = 2.7V to 6V
–0.3
0
0.3
%/V
∆V
LDR
Load Regulation
I
OUT = 0.1mA to 150mA, Note 4
4.0
5.0
%
I
Q
Quiescent Current
V
EN ≤ 0.4V (shutdown)
0.45
1
µA
I
GND
Ground Pin Current, Note 5
I
OUT = 0mA; VIN = 6.0V
100
150
µA
I
OUT = 150mA; VIN = 6.0V
100
150
µA
PSRR
Power Supply Rejection
f = 120Hz, C
OUT = 4.7µF, IOUT = 150mA
60
dB
I
LIM
Current Limit
V
OUT = 0V
160
350
mA
Enable Input
V
IL
Enable Input Logic-Low Voltage
V
IN = 5.5V, regulator shutdown
0.4
V
V
IH
Enable Input Logic-High Voltage
V
IN = 5.5V, regulator enabled
1.6
V
I
EN
Enable Input Current
V
IL ≤ 0.4V; VIN = 5.5V
0.01
µA
V
IH ≥ 1.6V; VIN = 5.5V
0.01
µA
Thermal Protection
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C
Power Good, Note 6
V
PG
Low Threshold
% of V
OUT (PG ON)
89.5
%
High Threshold
% of V
OUT (PG OFF)
96.5
%
V
OL
PG Output Logic-Low Voltage
I
L = 100µA, fault condition
0.02
0.1
V
I
PG
Power Good Leakage Current
power good off, V
PG = 5.5V
0.01
µA
V
PG Delay
Delay Time to Power Good
See “Timing Diagram”
15
ms
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load
range from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 5.
Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground
pin current.
Note 6.
The power good is a function of the output voltage being 5% low and the detection of one of the following: overcurrent, over-temperature or
dropout. See “Applications Information” section for additional information.
Absolute Maximum Ratings (Note 1)
Supply Input Voltage (V
IN) .................................. 0V to +7V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Flag Output Voltage (V
PG) ................................... 0V to VIN
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature ............................... –65
°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD, Note 3
Operating Ratings (Note 2)
Input Voltage (V
IN) ......................................... +2.7V to +6V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Flag Output Voltage (V
PG) ................................... 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Thermal Resistance
SOT-23
JA) ...................................................... 235°C/W


Similar Part No. - MIC5248-1.2YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5248-1.2YM5 MICREL-MIC5248-1.2YM5 Datasheet
258Kb / 10P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results

Similar Description - MIC5248-1.2YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268_06 Datasheet
556Kb / 8P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5248 MICREL-MIC5248_06 Datasheet
258Kb / 10P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
   Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Micrel Semiconductor
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
logo
National Semiconductor ...
LP8358 NSC-LP8358 Datasheet
508Kb / 10P
   150mA, UCap, Low Dropout Voltage Regulator with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com