Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2551 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2551
Description  USB TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2551 Datasheet HTML 1Page - Micrel Semiconductor MIC2551 Datasheet HTML 2Page - Micrel Semiconductor MIC2551 Datasheet HTML 3Page - Micrel Semiconductor MIC2551 Datasheet HTML 4Page - Micrel Semiconductor MIC2551 Datasheet HTML 5Page - Micrel Semiconductor MIC2551 Datasheet HTML 6Page - Micrel Semiconductor MIC2551 Datasheet HTML 7Page - Micrel Semiconductor MIC2551 Datasheet HTML 8Page - Micrel Semiconductor MIC2551 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
May 2004
1
M9999-051004
MIC2551A
Micrel
MIC2551A
USB Transceiver
General Description
The MIC2551A is a single chip transceiver that complies with
the physical layer specifications of the Universal Serial Bus
(USB) 2.0. It supports both full speed (12Mbps) and low
speed (1.5Mbps) operation and introduces superior edge
rate control, producing crisper eye diagrams, which ease the
task of passing USB compliance testing.
A unique, patented, dual supply voltage operation allows the
MIC2551A to reference the system I/F I/O signals to a supply
voltage down to 1.6V while independently powered by the
USB V
BUS. This allows the system interface to operate at its
core voltage without addition of buffering logic and also
reduce system operating current.
Typical Application
System
Supply Voltage
USB SIE
Controller
VIF
OE#
RCV
VP
VM
D–
D+
VBUS
VTRM
GND
D–
D+
USB
Port
41206ESDA SurgX
GND
GPIO
MIC2551A
SPD
1.0
µF (min)
10
µF (max)
(See “Applications Information”
for additional suppliers.)
VCC
SUS
VPU
RS
20
Ω/±1%
RS
20
Ω/±1%
VBUS
1.5k
1
µF
CON
Typical Application Circuit
Features
• Compliant to USB Specification Revision 2.0 for full
speed (12Mbs) and low speed (1.5Mbps) operation
• Compliant to IEC-61000-4.2 (Level 3)
• Separate I/O supply with operation down to 1.6V
• Integrated speed select termination supply
• Very-low power consumption to meet USB suspend-
current requirements
• Small TSSOP and MLF™ packages
• No power supply sequencing requirements
• Software controlled re-enumeration
Applications
• PDAs
• Palmtops
• Cell phones
Ordering Information
Part Number
Package
MIC2551ABTS
14-Pin TSSOP
MIC2551ABML
16-Pin MLF™
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MicroLeadFrame and MLF are trademarks of Amkor Technology.
SurgX is a registered trademark of Cooper Electronics Technologies.


Similar Part No. - MIC2551

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2551 MICREL-MIC2551 Datasheet
67Kb / 10P
   USB Transceiver
MIC2551 MICREL-MIC2551 Datasheet
94Kb / 11P
   USB Transceiver
MIC2551A MICREL-MIC2551A Datasheet
96Kb / 11P
   USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5 Datasheet
656Kb / 10P
   USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5 Datasheet
498Kb / 10P
   USB Transceiver
More results

Similar Description - MIC2551

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4170 AKM-AK4170 Datasheet
82Kb / 10P
   USB TRANSCEIVER
logo
Micrel Semiconductor
MIC2551 MICREL-MIC2551_08 Datasheet
94Kb / 11P
   USB Transceiver
MIC2551A MICREL-MIC2551A_11 Datasheet
96Kb / 11P
   USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5_10 Datasheet
498Kb / 10P
   USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5 Datasheet
656Kb / 10P
   USB Transceiver
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E_07 Datasheet
363Kb / 20P
   USB Transceiver
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
480Kb / 20P
   USB Transceiver
STUSB03E STMICROELECTRONICS-STUSB03E Datasheet
470Kb / 20P
   USB Transceiver
logo
Micrel Semiconductor
MIC2551 MICREL-MIC2551 Datasheet
67Kb / 10P
   USB Transceiver
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com