Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2142 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2142
Description  Micropower Boost Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2142 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2142 Datasheet HTML 7Page - Micrel Semiconductor MIC2142 Datasheet HTML 8Page - Micrel Semiconductor MIC2142 Datasheet HTML 9Page - Micrel Semiconductor MIC2142 Datasheet HTML 10Page - Micrel Semiconductor MIC2142 Datasheet HTML 11Page - Micrel Semiconductor MIC2142 Datasheet HTML 12Page - Micrel Semiconductor MIC2142 Datasheet HTML 13Page - Micrel Semiconductor MIC2142 Datasheet HTML 14Page - Micrel Semiconductor MIC2142 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
December 2000
11
MIC2142
MIC2142
Micrel
Predesigned Circuit Values
V
IN(min)
V
IN(max)
V
OUT
I
OUT(max)
L1
I
PK @ VIN(max)
CR1
2.5V
3.0V
3.3V
40mA
47
µH
129mA
BAT54
23mA
85
µH
74mA
BAT54
10mA
180
µH
34VmA
BAT54
2.5V
4.5V
5V
16.5mA
47
µH
193mA
BAT54
7.8mA
100
µH
91mA
BAT54
boot strapped
51
15
605
MBR0530
boot strapped
77
10
908
MBR
2.5
11.5
12
4.8
47
493
MBR
2.25
100
232
BAT
4.7
boot strapped
15
15
632
MBR
boot strapped
22
10
950
MBR
2.5
14.5
15
3.7
47
622
MBR
1.7
100
292
BAT
4.7
boot strapped
17.4
10
950
MBR
boot strapped
8
22
430
MBR
2.5
4.7
20
2.7
47
202
BAT
2.5
4.7
20
1.5
82
110
BAT
3.0
4.7
5
40
33
287
BAT
boot strapped
70
18
525
MBR
boot strapped
100
12
800
MBR
3.0
8.5
9
15
33
520
MBR
4.7
boot strapped
28
18
525
MBR
4.7
boot strapped
40
12
800
MBR
3.0
14.5
15
7.8
33
886
MBR
3.0
4.7
boot strapped
14
18
525
MBR
3.0
4.7
boot strapped
21
12
800
MBR
3.0
4.7
20
5.6
33
287
BAT
5.0
8.5
9
70
27
635
MBR
23
82
209
BAT
10
180
95
BAT
5.0
11.5
12
43
27
860
MBR
14
82
283
BAT
6
180
129
BAT
5.0
14.5
15
30
27
1083
MBR
10
82
357
MBR
9
30
27
672
MBR
5.0
8.0
20
8
68
237
BAT
9
11.5
12
118
56
414
MBR
66
100
232
BAT
30
220
105
BAT
9
14
15
70
56
504
MBR
40
100
282
BAT
18
220
128
BAT
9
14
20
20
120
235
BAT
10
220
128
BAT
6
390
72
BAT
12
14
15
156
68
415
MBR
71
150
182
BAT
27
390
72
BAT
12
14
20
35
150
188
BAT
Table 4. Typical Maximum Power Configuration


Similar Part No. - MIC2142

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2142 MICREL-MIC2142 Datasheet
418Kb / 17P
   Micropower Boost Converter
MIC2142BM5 MICREL-MIC2142BM5 Datasheet
418Kb / 17P
   Micropower Boost Converter
MIC2142 MICREL-MIC2142_07 Datasheet
418Kb / 17P
   Micropower Boost Converter
More results

Similar Description - MIC2142

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2142 MICREL-MIC2142_07 Datasheet
418Kb / 17P
   Micropower Boost Converter
MIC2141 MICREL-MIC2141_06 Datasheet
848Kb / 16P
   Micropower Boost Converter
logo
Linear Technology
LTC3459 LINER-LTC3459_15 Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
   High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
logo
Linear Technology
LTC3459 LINER-LTC3459_07 Datasheet
220Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
logo
Micrel Semiconductor
MIC2141 MICREL-MIC2141 Datasheet
154Kb / 16P
   Micropower Boost Converter Preliminary Information
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
   50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340_04 Datasheet
414Kb / 17P
   50V, Micropower, DC-DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com