Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBA0204BZ9ZR200 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MBA0204BZ9ZR200
Description  Professional Thin Film Leaded Resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA0204BZ9ZR200 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MBA0204BZ9ZR200 Datasheet HTML 3Page - Vishay Siliconix MBA0204BZ9ZR200 Datasheet HTML 4Page - Vishay Siliconix MBA0204BZ9ZR200 Datasheet HTML 5Page - Vishay Siliconix MBA0204BZ9ZR200 Datasheet HTML 6Page - Vishay Siliconix MBA0204BZ9ZR200 Datasheet HTML 7Page - Vishay Siliconix MBA0204BZ9ZR200 Datasheet HTML 8Page - Vishay Siliconix MBA0204BZ9ZR200 Datasheet HTML 9Page - Vishay Siliconix MBA0204BZ9ZR200 Datasheet HTML 10Page - Vishay Siliconix MBA0204BZ9ZR200 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 02-Nov-15
7
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
Production is strictly controlled and follows an extensive
set of instructions established for reproducibility. A
homogeneous film of metal alloy is deposited on a high
grade ceramic body and conditioned to achieve the desired
temperature coefficient. Plated steel termination caps are
firmly pressed on the metallized rods. A special laser is used
to achieve the target value by smoothly cutting a helical
groove in the resistive layer without damaging the ceramics.
Connecting wires of electrolytic copper plated with 100 %
pure tin are welded to the termination caps. Alternative
termination wires available for e.g. welding (MBA/SMA0204
only). The resistor elements are covered by a light blue
protective coating designed for electrical, mechanical and
climatic protection. Four or five color code rings designate
the resistance value and tolerance in accordance with IEC
60062.
The result of the determined production is verified by an
extensive testing procedure performed on 100 % of the
individual resistors. Only accepted products are stuck
directly on the adhesive tapes in accordance with
IEC 60286-1 or for the radial versions in accordance to
IEC 60286-2.
MATERIALS
Vishay acknowledges the following systems for the
regulation of hazardous substances:
• IEC 62474, Material Declaration for Products of and for the
Electrotechnical Industry, with the list of declarable
substances given therein (1)
• The
Global
Automotive
Declarable
Substance
List
(GADSL) (2)
• The REACH regulation (1907/2006/EC) and the related list
of substances with very high concern (SVHC) (3) for its
supply chain
The products do not contain any of the banned substances
as per IEC 62474, GADSL, or the SVHC list, see
www.vishay.com/how/leadfree.
Hence the products fully comply with the following
directives:
• 2000/53/EC End-of-Life Vehicle Directive (ELV) and
Annex II (ELV II)
• 2011/65/EU
Restriction
of
the
Use
of
Hazardous
Substances
Directive
(RoHS)
with
amendment
2015/863/EU
• 2012/19/EU Waste Electrical and Electronic Equipment
Directive (WEEE)
Vishay pursues the elimination of conflict minerals from its
supply
chain,
see
the
Conflict
Minerals
Policy
at
www.vishay.com/doc?49037.
ASSEMBLY
The resistors are suitable for processing on automatic
insertion equipment and cutting and bending machines.
Excellent solderability is proven, even after extended
storage. They are suitable for automatic soldering using
wave or dipping.
The resistors are completely lead (Pb)-free, the pure tin
plating provides compatibility with lead (Pb)-free and
lead-containing soldering processes. The immunity of the
plating against tin whisker growth, in compliance with
IEC 60068-2-82, has been proven under extensive testing.
The encapsulant is resistant to cleaning solvent specified in
IEC 60115-1 (3). The suitability of conformal coatings, if
applied, shall be qualified by appropriate means to ensure
the long-term stability of the whole system.
All products comply with GADSL (1) and the IEC 62474 (2) list
of legal restrictions on hazardous substances. This includes
full compliance with the following directives:
• 2000/53/EC End of Vehicle Life Directive (ELV) and
Annex II (ELVII)
• 2011/65/EU
Restriction
of
the
use
of
Hazardous
Substances Directive (RoHS)
• 2012/19/EU Waste Electrical and Electrical Equipment
Directive (WEEE)
APPROVALS
The resistors (CECC version) are approved within the
IECQ-CECC Quality Assessment System for Electronic
Components to the detail specification EN 140101-806
which refers to EN 60115-1 and EN 140100 and the variety
of environmental test procedures of the IEC 60068
series. Conformity is attested by the use of the CECC logo
(
) as the Mark of Conformity on the package label for the
CECC version.
Vishay
Beyschlag
has
achieved
“Approval
of
Manufacturer” in accordance with IEC QC 001002-3,
clause 2. The release certificate for “Technology Approval
Schedule” in accordance with CECC 240001 based on
IEC QC 001002-3, clause 6 is granted for the Vishay
Beyschlag manufacturing process.
RELATED PRODUCTS
For a correlated range of precision TCR and tolerance
specifications see the datasheet:
• “Precision
Thin
Film
Leaded
Resistors”,
www.vishay.com/doc?28767
For products approved to EN 140101-806, version E, with
established reliability and failure rate level E7 (Quality factor
πQ = 0.1), see the datasheet:
• “Established Reliability Thin Film Leaded Resistors”,
www.vishay.com/doc?28768
Notes
(1) Global Automotive Declarable Substance List, see www.gadsl.org
(2) CEFIC (European Chemical Industry Council), EECA (European Electronic Component Manufacturers Association), EICTA (European
trade
organisation
representing
the
information
and
communications
technology
and
consumer
electronics),
see
www.digitaleurope.org/SearchResults.aspx?Search=eicta.
All products comply with the IEC 62474, Material Declaration for Products of and for the Electrotechnical Industry.
(3) Other cleaning solvents with aggressive chemicals should be evaluated in actual cleaning process for their suitability.


Similar Part No. - MBA0204BZ9ZR200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
More results

Similar Description - MBA0204BZ9ZR200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com