Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7321D12R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV7321D12R2G
Description  Stand-alone LIN Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7321D12R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV7321D12R2G Datasheet HTML 6Page - ON Semiconductor NCV7321D12R2G Datasheet HTML 7Page - ON Semiconductor NCV7321D12R2G Datasheet HTML 8Page - ON Semiconductor NCV7321D12R2G Datasheet HTML 9Page - ON Semiconductor NCV7321D12R2G Datasheet HTML 10Page - ON Semiconductor NCV7321D12R2G Datasheet HTML 11Page - ON Semiconductor NCV7321D12R2G Datasheet HTML 12Page - ON Semiconductor NCV7321D12R2G Datasheet HTML 13Page - ON Semiconductor NCV7321D12R2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NCV7321
www.onsemi.com
11
tBUS_DOM(min)
LIN
t
THREC(max)
THREC(min)
THDOM(max)
THDOM(min)
tBUS_DOM(max)
tBUS_REC(max)
tBUS_REC(min)
tBIT
t BIT
50%
Thresholds of
receiving node 1
Thresholds of
receiving node 2
TxD
t
Figure 6. LIN Transmitter Duty Cycle
Figure 7. LIN Transmitter Timing
50%
tBIT
TxD
LIN
t
ttx_prop_down
t
tBIT
ttx_prop_up
VBB
60% VBB
40% VBB
T_fall
T_rise
LIN
t
60%
40%
60%
40%
100%
0%
Figure 8. LIN Transmitter Rising and Falling Times


Similar Part No. - NCV7321D12R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7321D12R2G ONSEMI-NCV7321D12R2G Datasheet
156Kb / 14P
   Stand-alone LIN Transceiver
July, 2015 ??Rev. 13
More results

Similar Description - NCV7321D12R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7327 ONSEMI-NCV7327 Datasheet
183Kb / 12P
   LIN Transceiver, Stand-alone
March, 2019 ??Rev. 0
NCV7321 ONSEMI-NCV7321 Datasheet
178Kb / 12P
   Stand Alone LIN Transceiver
June, 2010 ??Rev. 8
NCV7329 ONSEMI-NCV7329 Datasheet
141Kb / 12P
   Stand-alone LIN Transceiver
May, 2018 ??Rev. 0
NCV7321 ONSEMI-NCV7321_15 Datasheet
156Kb / 14P
   Stand-alone LIN Transceiver
July, 2015 ??Rev. 13
logo
Texas Instruments
TUSB1211 TI1-TUSB1211_17 Datasheet
1Mb / 80P
[Old version datasheet]   Stand-Alone USB Transceiver Chip
TUSB1210 TI1-TUSB1210_17 Datasheet
1Mb / 66P
[Old version datasheet]   Stand-Alone USB Transceiver Chip Silicon
TUSB1210 TI1-TUSB1210 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1210 Stand-Alone USB Transceiver Chip Silicon
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
   Stand Alone Inclinometer
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
   STAND-ALONE MICROSEQUENCER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com