Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7351 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV7351
Description  High Speed CAN, CAN FD Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7351 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV7351 Datasheet HTML 1Page - ON Semiconductor NCV7351 Datasheet HTML 2Page - ON Semiconductor NCV7351 Datasheet HTML 3Page - ON Semiconductor NCV7351 Datasheet HTML 4Page - ON Semiconductor NCV7351 Datasheet HTML 5Page - ON Semiconductor NCV7351 Datasheet HTML 6Page - ON Semiconductor NCV7351 Datasheet HTML 7Page - ON Semiconductor NCV7351 Datasheet HTML 8Page - ON Semiconductor NCV7351 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 3
1
Publication Order Number:
NCV7351/D
NCV7351, NCV7351F
High Speed CAN, CAN FD
Transceiver
The NCV7351 CAN transceiver is the interface between a
controller area network (CAN) protocol controller and the physical
bus and may be used in both 12 V and 24 V systems. The transceiver
provides differential transmit capability to the bus and differential
receive capability to the CAN controller.
The NCV7351 is an addition to the CAN high−speed transceiver
family complementing NCV734x CAN stand−alone transceivers and
previous generations such as AMIS42665, AMIS3066x, etc. The
NCV7351F is an addition to the family based on NCV7351
transceiver with improved bit timing symmetry behavior to cope with
CAN flexible data rate requirements (CAN FD).
Due to the wide common−mode voltage range of the receiver inputs
and other design features, the NCV7351 is able to reach outstanding
levels of electromagnetic susceptibility (EMS). Similarly, extremely
low electromagnetic emission (EME) is achieved by the excellent
matching of the output signals.
Key Features
Compatible with the ISO 11898−2 Standard
High Speed (up to 1 Mbps)
NCV7351F Version Has Specification for Loop Delay Symmetry
(up to 2 Mbps according to ISO11898−2, up to 5 Mbps for
information only)
VIO Pin on NCV7351(F)D13 Version Allowing Direct Interfacing
with 3 V to 5 V Microcontrollers
EN Pin on NCV7351D1E Version Allowing Switching the
Transceiver to a Very Low Current OFF Mode
Excellent Electromagnetic Susceptibility (EMS) Level Over Full
Frequency Range. Very Low Electromagnetic Emissions (EME) Low
EME also Without Common Mode (CM) Choke
Bus Pins Protected Against >15 kV System ESD Pulses
Transmit Data (TxD) Dominant Time−out Function
Under all Supply Conditions the Chip Behaves Predictably. No
Disturbance of the Bus Lines with an Unpowered Node
Bus Pins Short Circuit Proof to Supply Voltage and Ground
Bus Pins Protected Against Transients in an Automotive
Environment
Thermal Protection
These are Pb−Free Devices
Quality
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
Typical Applications
Automotive
Industrial Networks
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
PIN ASSIGNMENT
MARKING DIAGRAM
1
8
SOIC−8
CASE 751AZ
NV7351−y / NV7351Fy
y
= 3, 0, or E
F
= Flexible data rate version
(no dash used for CAN FD version)
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
NV7351−y
ALYW
G
1
8
NCV7351(F)D13R2G
5
6
7
8
1
2
3
4
TxD
RxD
S
GND
CANL
VCC
VIO
CANH
NCV7351D10R2G
5
6
7
8
1
2
3
4
TxD
RxD
S
GND
CANL
VCC
CANH
NCV7351D1ER2G
5
6
7
8
1
2
3
4
TxD
RxD
S
GND
CANL
VCC
CANH
NC
EN


Similar Part No. - NCV7351

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7351 ONSEMI-NCV7351 Datasheet
102Kb / 12P
   High Speed CAN Transceiver
October, 2013 ??Rev. 0
NCV7351D10R2G ONSEMI-NCV7351D10R2G Datasheet
102Kb / 12P
   High Speed CAN Transceiver
October, 2013 ??Rev. 0
NCV7351D13R2G ONSEMI-NCV7351D13R2G Datasheet
102Kb / 12P
   High Speed CAN Transceiver
October, 2013 ??Rev. 0
NCV7351D1ER2G ONSEMI-NCV7351D1ER2G Datasheet
102Kb / 12P
   High Speed CAN Transceiver
October, 2013 ??Rev. 0
NCV7351 ONSEMI-NCV7351_16 Datasheet
121Kb / 14P
   High Speed CAN, CAN FD Transceiver
March, 2016 ??Rev. 2
More results

Similar Description - NCV7351

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7351 ONSEMI-NCV7351_16 Datasheet
121Kb / 14P
   High Speed CAN, CAN FD Transceiver
March, 2016 ??Rev. 2
logo
Infineon Technologies A...
TLE9351VSJ INFINEON-TLE9351VSJ Datasheet
973Kb / 32P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9252V INFINEON-TLE9252V Datasheet
1Mb / 50P
   High-Speed CAN FD Transceiver
Rev. 1.01 2018-01-09
logo
ON Semiconductor
NCV7357 ONSEMI-NCV7357 Datasheet
226Kb / 15P
   CAN FD Transceiver, High Speed
March, 2019 ??Rev. 0
logo
Infineon Technologies A...
TLE9350VSJ INFINEON-TLE9350VSJ Datasheet
912Kb / 30P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9350SJ INFINEON-TLE9350SJ Datasheet
880Kb / 30P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9351SJ INFINEON-TLE9351SJ Datasheet
922Kb / 31P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9350XSJ INFINEON-TLE9350XSJ Datasheet
910Kb / 30P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
logo
ON Semiconductor
NCV7344 ONSEMI-NCV7344 Datasheet
187Kb / 12P
   High Speed Low Power CAN, CAN FD Transceiver
February, 2017 ??Rev. 1
logo
Infineon Technologies A...
IFX1051LE INFINEON-IFX1051LE_15 Datasheet
1Mb / 31P
   Industrial High Speed CAN-FD Transceiver
Rev. 0.92, 2015-07-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com