Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7351 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV7351
Description  High Speed CAN, CAN FD Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7351 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV7351 Datasheet HTML 2Page - ON Semiconductor NCV7351 Datasheet HTML 3Page - ON Semiconductor NCV7351 Datasheet HTML 4Page - ON Semiconductor NCV7351 Datasheet HTML 5Page - ON Semiconductor NCV7351 Datasheet HTML 6Page - ON Semiconductor NCV7351 Datasheet HTML 7Page - ON Semiconductor NCV7351 Datasheet HTML 8Page - ON Semiconductor NCV7351 Datasheet HTML 9Page - ON Semiconductor NCV7351 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCV7351, NCV7351F
www.onsemi.com
6
Definitions: All voltages are referenced to GND (pin 2). Positive currents flow into the IC. Sinking current means the current
is flowing into the pin; sourcing current means the current is flowing out of the pin.
Table 4. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Min
Max
Unit
Vsup
Supply voltage VCC
−0.3
+6
V
VCANH
DC voltage at pin CANH
0 < VCC < 5.5 V; no time limit
−50
+50
V
VCANL
DC voltage at pin CANL
0 < VCC < 5.5 V; no time limit
−50
+50
V
VIOs
DC voltage at pin TxD, RxD, S, EN, VIO
Notes 4 and 5
−0.3
+6
V
Vesd
Electrostatic discharge voltage at all pins
according to EIA−JESD22
Note 6
−6
+6
kV
Electrostatic discharge voltage at
CANH,CANL, pins according to
EIA−JESD22
Note 6
−8
+8
kV
Electrostatic discharge voltage at CANH
,
CANL pins According to IEC 61000−4−2
Note 7
−15
+15
kV
Standardized charged device model ESD
pulses according to ESD−STM5.3.1−1999
−750
+750
V
Vschaff
Transient voltage at CANH, CANL pins,
See Figure 4
Note 8
−150
+100
V
Latch−up
Static latch−up at all pins
Note 9
+150
mA
Tstg
Storage temperature
−55
+150
°C
TJ
Maximum junction temperature
−40
+170
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
4. EN pin Only available on NCV7351−E version
5. VIO pin Only available on NCV7351−3 version
6. Standardized human body model electrostatic discharge (ESD) pulses in accordance to EIA−JESD22. Equivalent to discharging a 100 pF
capacitor through a 1.5 k
W resistor.
7. System human body model electrostatic discharge (ESD) pulses. Equivalent to discharging a 150 pF capacitor through a 330
W resistor
referenced to GND. Verified by external test house
8. Pulses 1, 2a,3a and 3b according to ISO 7637 part 3. Results were verified by external test house.
9. Static latch−up immunity: Static latch−up protection level when tested according to EIA/JESD78.
Table 5. THERMAL CHARACTERISTICS
Symbol
Parameter
Conditions
Value
Unit
RqJA_1
Thermal Resistance Junction−to−Air, 1S0P PCB (Note 10)
Free air
125
K/W
RqJA_2
Thermal Resistance Junction−to−Air, 2S2P PCB (Note 11)
Free air
75
K/W
10. Test board according to EIA/JEDEC Standard JESD51−3, signal layer with 10% trace coverage.
11. Test board according to EIA/JEDEC Standard JESD51−7, signal layers with 10% trace coverage.


Similar Part No. - NCV7351

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7351 ONSEMI-NCV7351 Datasheet
102Kb / 12P
   High Speed CAN Transceiver
October, 2013 ??Rev. 0
NCV7351D10R2G ONSEMI-NCV7351D10R2G Datasheet
102Kb / 12P
   High Speed CAN Transceiver
October, 2013 ??Rev. 0
NCV7351D13R2G ONSEMI-NCV7351D13R2G Datasheet
102Kb / 12P
   High Speed CAN Transceiver
October, 2013 ??Rev. 0
NCV7351D1ER2G ONSEMI-NCV7351D1ER2G Datasheet
102Kb / 12P
   High Speed CAN Transceiver
October, 2013 ??Rev. 0
NCV7351 ONSEMI-NCV7351_16 Datasheet
121Kb / 14P
   High Speed CAN, CAN FD Transceiver
March, 2016 ??Rev. 2
More results

Similar Description - NCV7351

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7351 ONSEMI-NCV7351_16 Datasheet
121Kb / 14P
   High Speed CAN, CAN FD Transceiver
March, 2016 ??Rev. 2
logo
Infineon Technologies A...
TLE9351VSJ INFINEON-TLE9351VSJ Datasheet
973Kb / 32P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9252V INFINEON-TLE9252V Datasheet
1Mb / 50P
   High-Speed CAN FD Transceiver
Rev. 1.01 2018-01-09
logo
ON Semiconductor
NCV7357 ONSEMI-NCV7357 Datasheet
226Kb / 15P
   CAN FD Transceiver, High Speed
March, 2019 ??Rev. 0
logo
Infineon Technologies A...
TLE9350VSJ INFINEON-TLE9350VSJ Datasheet
912Kb / 30P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9350SJ INFINEON-TLE9350SJ Datasheet
880Kb / 30P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9351SJ INFINEON-TLE9351SJ Datasheet
922Kb / 31P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9350XSJ INFINEON-TLE9350XSJ Datasheet
910Kb / 30P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
logo
ON Semiconductor
NCV7344 ONSEMI-NCV7344 Datasheet
187Kb / 12P
   High Speed Low Power CAN, CAN FD Transceiver
February, 2017 ??Rev. 1
logo
Infineon Technologies A...
IFX1051LE INFINEON-IFX1051LE_15 Datasheet
1Mb / 31P
   Industrial High Speed CAN-FD Transceiver
Rev. 0.92, 2015-07-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com