Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4066 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74HC4066
Description  Quad Analog Switch/ Multiplexer/Demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4066 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74HC4066 Datasheet HTML 6Page - ON Semiconductor MC74HC4066 Datasheet HTML 7Page - ON Semiconductor MC74HC4066 Datasheet HTML 8Page - ON Semiconductor MC74HC4066 Datasheet HTML 9Page - ON Semiconductor MC74HC4066 Datasheet HTML 10Page - ON Semiconductor MC74HC4066 Datasheet HTML 11Page - ON Semiconductor MC74HC4066 Datasheet HTML 12Page - ON Semiconductor MC74HC4066 Datasheet HTML 13Page - ON Semiconductor MC74HC4066 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC74HC4066A
http://onsemi.com
10
0
-10
-20
-30
-40
-50
1.0
2.0
FREQUENCY (kHz)
-60
-70
-80
-90
FUNDAMENTAL FREQUENCY
DEVICE
SOURCE
Figure 15. Plot, Harmonic Distortion
3.0
APPLICATION INFORMATION
The ON/OFF Control pins should be at VCC or GND logic
levels, VCC being recognized as logic high and GND being
recognized as a logic low. Unused analog inputs/outputs
may be left floating (not connected). However, it is
advisable to tie unused analog inputs and outputs to VCC or
GND through a low value resistor. This minimizes crosstalk
and feedthrough noise that may be picked–up by the unused
I/O pins.
The maximum analog voltage swings are determined by
the supply voltages VCC and GND. The positive peak analog
voltage should not exceed VCC. Similarly, the negative peak
analog voltage should not go below GND. In the example
below, the difference between VCC and GND is twelve volts.
Therefore, using the configuration in Figure 16, a maximum
analog signal of twelve volts peak–to–peak can be
controlled.
When voltage transients above VCC and/or below GND
are anticipated on the analog channels, external diodes (Dx)
are recommended as shown in Figure 17. These diodes
should be small signal, fast turn–on types able to absorb the
maximum anticipated current surges during clipping. An
alternate method would be to replace the Dx diodes with
Mosorbs (Mosorb
™ is an acronym for high current surge
protectors). Mosorbs are fast turn–on devices ideally suited
for precise DC protection with no inherent wear out
mechanism.
ANALOG O/I
ON
14
VCC = 12 V
ANALOG I/O
+ 12 V
0 V
+ 12 V
0 V
OTHER CONTROL
INPUTS
(VCC OR GND)
ON
16
VCC
Dx
Dx
VCC
Dx
Figure 16. 12 V Application
Figure 17. Transient Suppressor Application
7
SELECTED
CONTROL
INPUT
Dx
OTHER CONTROL
INPUTS
(VCC OR GND)
7
SELECTED
CONTROL
INPUT
VCC


Similar Part No. - MC74HC4066

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
logo
Motorola, Inc
MC74HC4066A MOTOROLA-MC74HC4066A Datasheet
248Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74HC4066AD ONSEMI-MC74HC4066AD Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066ADG ONSEMI-MC74HC4066ADG Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
More results

Similar Description - MC74HC4066

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com