Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP33 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10EP33
Description  3.3V 5VECL / 4 Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP33 Datasheet(HTML) 5 Page - ON Semiconductor

  MC10EP33 Datasheet HTML 1Page - ON Semiconductor MC10EP33 Datasheet HTML 2Page - ON Semiconductor MC10EP33 Datasheet HTML 3Page - ON Semiconductor MC10EP33 Datasheet HTML 4Page - ON Semiconductor MC10EP33 Datasheet HTML 5Page - ON Semiconductor MC10EP33 Datasheet HTML 6Page - ON Semiconductor MC10EP33 Datasheet HTML 7Page - ON Semiconductor MC10EP33 Datasheet HTML 8Page - ON Semiconductor MC10EP33 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC10EP33, MC100EP33
http://onsemi.com
5
100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 12)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
23
28
33
24
30
36
25
31
37
mA
VOH
Output HIGH Voltage (Note 13)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 13)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage (Single–Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single–Ended)
1355
1675
1355
1675
1355
1675
mV
VBB
Output Voltage Reference
1775
1875
1975
1775
1875
1975
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 14)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
12. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to –2.2 V.
13. All loading with 50
W to VCC–2.0 volts.
14. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 15)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
23
28
33
24
30
36
25
31
37
mA
VOH
Output HIGH Voltage (Note 16)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Note 16)
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
VIH
Input HIGH Voltage (Single–Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
Input LOW Voltage (Single–Ended)
3055
3375
3055
3375
3055
3375
mV
VBB
Output Voltage Reference
3475
3575
3675
3475
3575
3675
3475
3575
3675
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 17)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
15. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to –0.5 V.
16. All loading with 50
W to VCC–2.0 volts.
17. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - MC10EP33

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33 Datasheet
89Kb / 8P
   첨4 Divider
December, 1999 ??Rev. 1
MC10EP33 ONSEMI-MC10EP33 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33 Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
MC10EP33D ONSEMI-MC10EP33D Datasheet
89Kb / 8P
   첨4 Divider
December, 1999 ??Rev. 1
MC10EP33D ONSEMI-MC10EP33D Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
More results

Similar Description - MC10EP33

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP451 ONSEMI-MC10EP451 Datasheet
91Kb / 10P
   3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
ON Semiconductor
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com