Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN5120 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCN5120
Description  Transceiver for KNX Twisted Pair Networks
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN5120 Datasheet(HTML) 3 Page - ON Semiconductor

  NCN5120_15 Datasheet HTML 1Page - ON Semiconductor NCN5120_15 Datasheet HTML 2Page - ON Semiconductor NCN5120_15 Datasheet HTML 3Page - ON Semiconductor NCN5120_15 Datasheet HTML 4Page - ON Semiconductor NCN5120_15 Datasheet HTML 5Page - ON Semiconductor NCN5120_15 Datasheet HTML 6Page - ON Semiconductor NCN5120_15 Datasheet HTML 7Page - ON Semiconductor NCN5120_15 Datasheet HTML 8Page - ON Semiconductor NCN5120_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
NCN5120
www.onsemi.com
3
PIN DESCRIPTION
Table 1. PIN LIST AND DESCRIPTION
Name
Pin
Description
Type
Equivalent
Schematic
VSSA
1
Analog Supply Voltage Ground
Supply
VBUS2
2
Ground for KNX Transmitter
Supply
TX0
3
KNX Transmitter Output
Analog Output
Type 1
CCP
4
AC coupling external capacitor connection
Analog I/O
Type 2
CAV
5
Capacitor connection to average bus DC voltage
Analog I/O
Type 3
VBUS1
6
KNX power supply input
Supply
Type 5
CEQ1
7
Capacitor connection 1 for defining equalization pulse
Analog I/O
Type 4
CEQ2
8
Capacitor connection 2 for defining equalization pulse
Analog I/O
Type 4
VFILT
9
Filtered bus voltage
Supply
Type 5
V20V
10
20V supply output
Supply
Type 5
VDD2MV
11
Voltage monitor of Voltage Regulator 2
Analog Input
Type 8
VDD2MC
12
Current monitor input 1 of Voltage Regulator 2
Analog Input
Type 9
VDD2
13
Current monitor input 2 of Voltage Regulator 2
Analog Input
Type 8
VSS2
14
Voltage Regulator 2 Ground
Supply
VSW2
15
Switch output of Voltage Regulator 2
Analog Output
Type 6
VIN
16
Voltage Regulator 1 and 2 Power Supply Input
Supply
Type 5
VSW1
17
Switch output of Voltage Regulator 1
Analog Output
Type 6
VSS1
18
Voltage Regulator 1 Ground
Supply
VDD1
19
Current Input 2 and Voltage Monitor Input of Voltage Regulator 1
Analog Input
Type 8
VDD1M
20
Current Monitor Input 1 of Voltage Monitor 1
Analog Input
Type 9
NC
21, 22
Not connected (do not connect)
MODE1
23
Mode Selection Input 1
Digital Input
Type 12
MODE2
24
Mode Selection Input 2
Digital Input
Type 12
TREQ
25
Transmit Request Input
Digital Input
Type 12
CSB/UC1
26
Chip Select Output (SPI) or Configuration Input (UART)
Digital Output or
Digital Input
Type 13 or
14
SDI/RXD
27
Serial Data Input (SPI) or Receive Input (UART)
Digital Input
Type 14
SDO/TXD
28
Serial Data Output (SPI) or Transmit Output (UART)
Digital Output
Type 13
SCK/UC2
29
Serial Clock Output (SPI) or Configuration Input (UART)
Digital Output or
Digital Input
Type 13 or
14
VDDD
30
Digital Supply Voltage Input
Supply
Type 7
VSSD
31
Digital Supply Voltage Ground
Supply
XCLK
32
Oscillator Clock Output
Digital Output
Type 13
XSEL
33
Clock Selection (Quartz or Digital Clock)
Digital Input
Type 12
XTAL2
34
Clock Generator Output (Quartz) or Input (Digital Clock)
Analog Output or
Digital Input
Type 10 or
14
XTAL1
35
Clock Generator Input (Quartz)
Analog Input
Type 10
SAVEB
36
Save Signal (open drain with pull−up)
Digital Output
Type 15
RESETB
37
Reset Signal (open drain with pull−up)
Digital Output
Type 15
FANIN/WAKE
38
Fan−In and Wake−Up Input
Digital Input
Type 11
TESTOUT
39
Test Output (do not connect)
Analog Output
VDDA
40
Analog Supply Voltage Input
Supply
Type 7
NOTE:
Type of CSB/UC1 and SCK/UC2 is depending on status MODE1 − MODE2 pin
Type of XTAL1 and XTAL2 pin is depending on status XSEL pin.


Similar Part No. - NCN5120_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN51206GEVB ONSEMI-NCN51206GEVB Datasheet
460Kb / 55P
   Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
NCN5120MNTWG ONSEMI-NCN5120MNTWG Datasheet
107Kb / 2P
   NCN5120: KNX Transceiver for Twisted Pair Networks
7/1/2014
More results

Similar Description - NCN5120_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN51206GEVB ONSEMI-NCN51206GEVB Datasheet
460Kb / 55P
   Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
NCN5120 ONSEMI-NCN5120 Datasheet
418Kb / 54P
   Transceiver for KNX Twisted Pair Networks
April, 2013 ??Rev. 2
NCN5110 ONSEMI-NCN5110_16 Datasheet
289Kb / 24P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN5121 ONSEMI-NCN5121_16 Datasheet
466Kb / 58P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN5130 ONSEMI-NCN5130_16 Datasheet
469Kb / 58P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 3
NCN5120MNTWG ONSEMI-NCN5120MNTWG Datasheet
107Kb / 2P
   NCN5120: KNX Transceiver for Twisted Pair Networks
7/1/2014
logo
Advanced Micro Devices
AM79C98 AMD-AM79C98 Datasheet
213Kb / 22P
   Twisted-Pair Ethernet Transceiver (TPEX)
logo
National Semiconductor ...
DP83220 NSC-DP83220 Datasheet
136Kb / 10P
   CDL Twisted Pair FDDI Transceiver Device
logo
Advanced Micro Devices
AM79C100 AMD-AM79C100 Datasheet
208Kb / 24P
   Twisted-Pair Ethernet Transceiver Plus (TPEX Plus)
logo
List of Unclassifed Man...
FTT-10A ETC2-FTT-10A Datasheet
1Mb / 3P
   FTT-10A Free Topology Twisted Pair Transceiver Model 50051
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com