Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN5110 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCN5110
Description  Transceiver for KNX Twisted Pair Networks
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN5110 Datasheet(HTML) 4 Page - ON Semiconductor

  NCN5110 Datasheet HTML 1Page - ON Semiconductor NCN5110 Datasheet HTML 2Page - ON Semiconductor NCN5110 Datasheet HTML 3Page - ON Semiconductor NCN5110 Datasheet HTML 4Page - ON Semiconductor NCN5110 Datasheet HTML 5Page - ON Semiconductor NCN5110 Datasheet HTML 6Page - ON Semiconductor NCN5110 Datasheet HTML 7Page - ON Semiconductor NCN5110 Datasheet HTML 8Page - ON Semiconductor NCN5110 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
NCN5110
www.onsemi.com
4
EQUIVALENT SCHEMATICS
Following figure gives the equivalent schematics of the user relevant inputs and outputs. The diagrams are simplified
representations of the circuits used.
TXO
60V
CCP
60V
60V
CAV
7V
CEQx
60V
Type 1: TXO−pin
Type 2: CCP−pin
Type 3: CAV−pin
Type 4: CEQ1− and
CEQ2−pin
VBUS1
60V
VBUS1
VFILT
60V
VFILT
V20V
60V
V20V
VIN
60V
VIN
VSWx
VIN
60V
Type 5: VBUS1−, VFILT−, V20V and VIN−pin
Type 6: VSW1− and
VSW2−pin
VDDA
VDDA
7V
VDDD
VDDD
7V
VDD2MV
7V
VDD2
60V
VDD1
7V
Type 7: VDDD− and VDDA−pin
Type 8: VDD1−, VDD2− and VDD2MV−pin
VDD1M
VDD1
7V
7V
VDD2MC
VDD2
7V
60V
XTAL2
VDDD
XTAL1
VDDD
Type 9: VDD1M− and VDD2MC−pin
Type 10: XTAL1− and XTAL2−pin
IN
VDDD
RDOWN
OUT
VDDD
IN
VDDD
OUT
VDDD
RUP
Type 12: TEST2−, TEST3−,
TEST4−, TEST5− and XCLKC−pin
Type 13: TXD−, XCLK−
and TEST1−pin
Type 14: nV20VEN−,
nDC2EN− and RXD−pin
Type 15: RESETB− and
SAVEB−pin
Type 11: FANIN−pin
TEST8
VDDA
Type 16: TEST6−pin
FANIN
VAUX
7V
Figure 3. In− and Output Equivalent Diagrams


Similar Part No. - NCN5110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5110MNG ONSEMI-NCN5110MNG Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5110MNTWG ONSEMI-NCN5110MNTWG Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
More results

Similar Description - NCN5110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5120 ONSEMI-NCN5120_15 Datasheet
460Kb / 55P
   Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
NCN51206GEVB ONSEMI-NCN51206GEVB Datasheet
460Kb / 55P
   Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
NCN5120 ONSEMI-NCN5120 Datasheet
418Kb / 54P
   Transceiver for KNX Twisted Pair Networks
April, 2013 ??Rev. 2
NCN5121 ONSEMI-NCN5121_16 Datasheet
466Kb / 58P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN5130 ONSEMI-NCN5130_16 Datasheet
469Kb / 58P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 3
NCN5120MNTWG ONSEMI-NCN5120MNTWG Datasheet
107Kb / 2P
   NCN5120: KNX Transceiver for Twisted Pair Networks
7/1/2014
logo
Advanced Micro Devices
AM79C98 AMD-AM79C98 Datasheet
213Kb / 22P
   Twisted-Pair Ethernet Transceiver (TPEX)
logo
National Semiconductor ...
DP83220 NSC-DP83220 Datasheet
136Kb / 10P
   CDL Twisted Pair FDDI Transceiver Device
logo
Advanced Micro Devices
AM79C100 AMD-AM79C100 Datasheet
208Kb / 24P
   Twisted-Pair Ethernet Transceiver Plus (TPEX Plus)
logo
List of Unclassifed Man...
FTT-10A ETC2-FTT-10A Datasheet
1Mb / 3P
   FTT-10A Free Topology Twisted Pair Transceiver Model 50051
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com