Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAI-16000-AXA-JR-B2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # KAI-16000-AXA-JR-B2
Description  Interline CCD Image Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-16000-AXA-JR-B2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button KAI-16000-AXA-JR-B2 Datasheet HTML 2Page - ON Semiconductor KAI-16000-AXA-JR-B2 Datasheet HTML 3Page - ON Semiconductor KAI-16000-AXA-JR-B2 Datasheet HTML 4Page - ON Semiconductor KAI-16000-AXA-JR-B2 Datasheet HTML 5Page - ON Semiconductor KAI-16000-AXA-JR-B2 Datasheet HTML 6Page - ON Semiconductor KAI-16000-AXA-JR-B2 Datasheet HTML 7Page - ON Semiconductor KAI-16000-AXA-JR-B2 Datasheet HTML 8Page - ON Semiconductor KAI-16000-AXA-JR-B2 Datasheet HTML 9Page - ON Semiconductor KAI-16000-AXA-JR-B2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
KAI−16000
www.onsemi.com
6
IMAGING PERFORMANCE
Table 4. TYPICAL OPERATION CONDITIONS
Unless otherwise noted, the Imaging Performance Specifications are measured using the following conditions.
Description
Condition
Notes
Frame Time
908 msec
1
Horizontal Clock Frequency
20 MHz
Light Source
Continuous red, green and blue illumination centered at 450, 530 and 650 nm
2, 3
Operation
Nominal operating voltages and timing
1. Electronic shutter is not used. Integration time equals frame time.
2. LEDs used: Blue: Nichia NLPB500, Green: Nichia NSPG500S and Red: HP HLMP−8115.
3. For monochrome sensor, only green LED used.
Table 5. SPECIFICATIONS
Description
Symbol
Min.
Nom.
Max.
Units
Sample
Plan 7
Temperature
Tested At
(5C)
Notes
Global Non−Uniformity
n/a
2.5
5.0
%rms
Die
27, 40
1
Maximum Photoresponse
Nonlinearity
NL
n/a
2
%
Design
2, 3
Maximum Gain Difference Between
Outputs
DG
n/a
10
%
Design
2, 3
Maximum Signal Error due to
Nonlinearity Differences
DNL
n/a
1
%
Design
2, 3
Horizontal CCD Charge Capacity
HNe
100
ke
Design
Vertical CCD Charge Capacity
VNe
50
ke
Die
27, 40
Photodiode Charge Capacity
PNe
28
30
ke
Die
27, 40
4
Horizontal CCD Charge Transfer
Efficiency
HCTE
0.99999
n/a
Design
Vertical CCD Charge Transfer
Efficiency
VCTE
0.99999
Design
Photodiode Dark Current
Ipd
n/a
n/a
40
0.01
350
0.1
e/p/s
nA/cm2
Die
40
Vertical CCD Dark Current
Ivd
n/a
n/a
400
0.12
1711
0.5
e/p/s
nA/cm2
Die
40
Dark Current Doubling Temperature
DT
n/a
7
n/a
°C
Design
Image Lag
Lag
n/a
<10
50
e
Design
Antiblooming Factor
Xab
100
300
n/a
Design
Vertical Smear
Smr
n/a
−80
−75
dB
Design
Read Noise
ne−T
16
erms
Design
5
Dynamic Range
DR
65
dB
Design
5, 6
Output Amplifier DC Offset
Vodc
4
9.5
14
V
Die
27, 40
Output Amplifier Bandwidth
F−3db
140
MHz
Design
Output Amplifier Impedance
ROUT
100
130
200
W
Die
27, 40
Output Amplifier Sensitivity
DV/DN
30
mV/e
Design
1. Per color
2. Value is over the range of 10% to 90% of photodiode saturation.
3. Value is for the sensor operated without binning.
4. The operating value of the substrate voltage, VAB, will be marked on the shipping container for each device. The value of Vab is set such
that the photodiode charge capacity is 30,000 electrons.
5. At 30 MHz
6. Uses 20LOG (PNe/ ne−T)
7. “Die” indicates a parameter that is measured on every sensor during the production testing. “Design” designates a parameter that is quantified
during the design verification activity.


Similar Part No. - KAI-16000-AXA-JR-B2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-16000-AXA-JR-B2 ONSEMI-KAI-16000-AXA-JR-B2 Datasheet
636Kb / 27P
   Interline CCD Image Sensor
September, 2015 ??Rev. 5
More results

Similar Description - KAI-16000-AXA-JR-B2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com