Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLI-4104-RAA-CP-AA Datasheet(PDF) 5 Page - ON Semiconductor

Part # KLI-4104-RAA-CP-AA
Description  Linear CCD Image Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KLI-4104-RAA-CP-AA Datasheet(HTML) 5 Page - ON Semiconductor

  KLI-4104-RAA-CP-AA Datasheet HTML 1Page - ON Semiconductor KLI-4104-RAA-CP-AA Datasheet HTML 2Page - ON Semiconductor KLI-4104-RAA-CP-AA Datasheet HTML 3Page - ON Semiconductor KLI-4104-RAA-CP-AA Datasheet HTML 4Page - ON Semiconductor KLI-4104-RAA-CP-AA Datasheet HTML 5Page - ON Semiconductor KLI-4104-RAA-CP-AA Datasheet HTML 6Page - ON Semiconductor KLI-4104-RAA-CP-AA Datasheet HTML 7Page - ON Semiconductor KLI-4104-RAA-CP-AA Datasheet HTML 8Page - ON Semiconductor KLI-4104-RAA-CP-AA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
KLI−4104
www.onsemi.com
5
Zero re-phasing errors, in the final color image, is
accomplished
by
having
effectively
center-aligned
sampling apertures (pixels) in the luminance and chroma
channels.
Even though the luminance and chroma channels are
physically edge-aligned vertically, when scan motion is
introduced it has a “center-weighted” sampling effect at the
full resolution scan speed.
The following pixel alignment diagram explains in more
detail the reason for being edge-aligned in the vertical
direction and how the 12.25 line spacing (122.5
mm) works
out to achieve zero re-phasing errors at full resolution.
Figure 4. Pixel Alignment Diagram
Luma Line#
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
12.25 Chroma Lines Center-to-Center or
24.5 Luma Lines Center-to-Center
between Chroma and Luma Channels
(Dimension Fixed on Sensor)
Luma Sampling Aperture
Chroma Sampling
Aperture
The y-axis of the diagram is the direction of scanning
motion (luminance-leading scan in this case). Note on the
x-axis, that the luminance sampling rate (represented by the
arrows) is 2
× that of the chroma channel. Also note the
horizontal dotted line, showing that the arrows are
synchronized,
depicting
the
effective
center-aligned
sampling of luminance and chroma channels after 25
luminance lines have been acquired.
This equates to zero re-phasing error between luminance
and chroma signals at full resolution.
If scan speed is changed to lower the vertical resolution,
a small re-phasing error may be introduced.
High Speed Scanning
The KLI−4104 sensor is ideal for applications such as
high-speed document scanning.
High data throughput is achieved by having a total of 7
outputs, 4 outputs on the luminance channel (4
⋅ 30 MHz =
120 MHz total data rate), and 1 output per chroma channel
(30 MHz each).
Readout of the pixel data for the luminance channel is
accomplished through the use of two CCD shift registers in
an odd/even pixel readout configuration (4 outputs total).
A system can be designed with the KLI−4104 to achieve
high-resolution color scans (600 dpi), when scanning the
longer length side of A4 paper size at over 150 pages per
minute.


Similar Part No. - KLI-4104-RAA-CP-AA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KLI-2104 ONSEMI-KLI-2104 Datasheet
279Kb / 22P
   Linear CCD Image Sensor
April, 2015 ??Rev. 2
KLI-2104-DAA-EB-AA ONSEMI-KLI-2104-DAA-EB-AA Datasheet
279Kb / 22P
   Linear CCD Image Sensor
April, 2015 ??Rev. 2
KLI-2104-DAA-EB-AE ONSEMI-KLI-2104-DAA-EB-AE Datasheet
279Kb / 22P
   Linear CCD Image Sensor
April, 2015 ??Rev. 2
KLI-2104-DAA-ED-AA ONSEMI-KLI-2104-DAA-ED-AA Datasheet
279Kb / 22P
   Linear CCD Image Sensor
April, 2015 ??Rev. 2
KLI-2104-DAA-ED-AE ONSEMI-KLI-2104-DAA-ED-AE Datasheet
279Kb / 22P
   Linear CCD Image Sensor
April, 2015 ??Rev. 2
More results

Similar Description - KLI-4104-RAA-CP-AA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD2300C TOSHIBA-TCD2300C Datasheet
558Kb / 14P
   CCD LINEAR IMAGE SENSOR
logo
ON Semiconductor
KLI-2104 ONSEMI-KLI-2104 Datasheet
279Kb / 22P
   Linear CCD Image Sensor
April, 2015 ??Rev. 2
logo
Toshiba Semiconductor
TCD1501C TOSHIBA-TCD1501C Datasheet
450Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD1502C TOSHIBA-TCD1502C Datasheet
439Kb / 12P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com