Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAI-16000-AAA-JP-AE Datasheet(PDF) 11 Page - ON Semiconductor

Part # KAI-16000-AAA-JP-AE
Description  Interline CCD Image Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-16000-AAA-JP-AE Datasheet(HTML) 11 Page - ON Semiconductor

Back Button KAI-16000-AAA-JP-AE Datasheet HTML 7Page - ON Semiconductor KAI-16000-AAA-JP-AE Datasheet HTML 8Page - ON Semiconductor KAI-16000-AAA-JP-AE Datasheet HTML 9Page - ON Semiconductor KAI-16000-AAA-JP-AE Datasheet HTML 10Page - ON Semiconductor KAI-16000-AAA-JP-AE Datasheet HTML 11Page - ON Semiconductor KAI-16000-AAA-JP-AE Datasheet HTML 12Page - ON Semiconductor KAI-16000-AAA-JP-AE Datasheet HTML 13Page - ON Semiconductor KAI-16000-AAA-JP-AE Datasheet HTML 14Page - ON Semiconductor KAI-16000-AAA-JP-AE Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
KAI−16000
www.onsemi.com
11
DEFECT DEFINITIONS
Operational Conditions
All defect tests performed at tint = tframe = 908 msec
Table 10. SPECIFICATIONS
Description
Definition
Class X Monochrome
with Microlens Only
Class 1
Class 2
Monochrome
Class 2
Color
Notes
Major dark field defective
bright pixel
Defect ≥ 245 mV
150
150
300
300
2
Major bright field defective
dark pixel
Defect ≥ 15%
Minor dark field defective
bright pixel
Defect ≥ 126 mV
1500
1500
3000
3000
3
Cluster defect
A group of 2 to “N”
contiguous major
defective pixels, but no
more than “W”
adjacent defects
horizontally.
0
30
N = 20
W = 4
30
N = 20
W = 4
30
N = 20
W = 4
1, 2
Column defect
A group of more than
10 contiguous major
defective pixels along
a single column
0
0
4
15
1, 2
1. Column and cluster defects are separated by no less than two (2) pixels in any direction (excluding single pixel defects).
2. Tested at 27°C and 40°C.
3. Tested at 40°C.
NOTE: Class X sensors are offered strictly “as available”. ON Semiconductor cannot guarantee delivery dates. Please call for availability.
Defect Map
The defect map supplied with each sensor is based upon
testing at an ambient (27
°C) temperature. Minor point
defects are not included in the defect map. All defective
pixels are reference to pixel 1, 1 in the defect maps.


Similar Part No. - KAI-16000-AAA-JP-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-16000-AAA-JD-AE ONSEMI-KAI-16000-AAA-JD-AE Datasheet
636Kb / 27P
   Interline CCD Image Sensor
September, 2015 ??Rev. 5
KAI-16000-AAA-JD-B1 ONSEMI-KAI-16000-AAA-JD-B1 Datasheet
636Kb / 27P
   Interline CCD Image Sensor
September, 2015 ??Rev. 5
KAI-16000-AAA-JD-B2 ONSEMI-KAI-16000-AAA-JD-B2 Datasheet
636Kb / 27P
   Interline CCD Image Sensor
September, 2015 ??Rev. 5
KAI-16000-AAA-JR-AE ONSEMI-KAI-16000-AAA-JR-AE Datasheet
636Kb / 27P
   Interline CCD Image Sensor
September, 2015 ??Rev. 5
KAI-16000-AAA-JR-B1 ONSEMI-KAI-16000-AAA-JR-B1 Datasheet
636Kb / 27P
   Interline CCD Image Sensor
September, 2015 ??Rev. 5
More results

Similar Description - KAI-16000-AAA-JP-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com