Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLI-2104-DAA-ED-AE Datasheet(PDF) 4 Page - ON Semiconductor

Part # KLI-2104-DAA-ED-AE
Description  Linear CCD Image Sensor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KLI-2104-DAA-ED-AE Datasheet(HTML) 4 Page - ON Semiconductor

  KLI-2104-DAA-ED-AE Datasheet HTML 1Page - ON Semiconductor KLI-2104-DAA-ED-AE Datasheet HTML 2Page - ON Semiconductor KLI-2104-DAA-ED-AE Datasheet HTML 3Page - ON Semiconductor KLI-2104-DAA-ED-AE Datasheet HTML 4Page - ON Semiconductor KLI-2104-DAA-ED-AE Datasheet HTML 5Page - ON Semiconductor KLI-2104-DAA-ED-AE Datasheet HTML 6Page - ON Semiconductor KLI-2104-DAA-ED-AE Datasheet HTML 7Page - ON Semiconductor KLI-2104-DAA-ED-AE Datasheet HTML 8Page - ON Semiconductor KLI-2104-DAA-ED-AE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
KLI−2104
www.onsemi.com
4
Figure 4. Active Pixel and Channel Alignment − KLI−2104
Luma
Channel
Blue
Channel
Red
Channel
Green
Channel
Last Active Pixel
First Active
Pixel
6.25 Line Spacing (87.5
mm)
6 Line Spacing (84
mm)
6 Line Spacing (84
mm)
Imaging
During the integration period, an image is obtained by
gathering electrons generated by photons incident upon the
photodiodes. The charge collected in the photodiode array
is a linear function of the local exposure. The charge is stored
in the photodiode itself and is isolated from the CCD shift
registers during the integration period by the transfer gates
TG1 and TG2 for the chroma channels, which are held at
a barrier potential. (The luminance channel has only one
transfer gate, TG). At the end of the integration period,
the CCD register clocking is stopped with the
f1 and f2
gates being held in a ‘high’ and ‘low’ state respectively.
Next, the TG gates are turned ‘on’ causing the charge to
drain from the photodiode into the TG1 storage region. As
TG1 is turned back ‘off’ charge is transferred through TG2
and into the
f1 storage region. The TG2 gate is then turned
‘off’, isolating the shift registers from the accumulation
region once again. For the luminance channel, only one TG
transfer is required. Complementary clocking of the
f1 and
f2 phases now resumes for readout of the current line of data
while the next line of data is integrated.
Charge Transport and Sensing
Readout of the signal charge is accomplished by
two-phase, complementary clocking of the
f1 and f2 gates.
The register architecture has been designed for high speed
clocking with minimal transport and output signal
degradation, while still maintaining low (5 Vp-p min) clock
swings for reduced power dissipation, lower clock noise and
simpler driver design. The data in all registers is clocked
simultaneously toward the output structures. The signal is
then transferred to the output structures in a parallel format
at the falling edge of the
f2 clock. Re-settable floating
diffusions are used for the charge-to-voltage conversion
while source followers provide buffering to external
connections. The potential change on the floating diffusion
is dependent on the amount of signal charge and is given by
DVFD = DQ/CFD, where DVFD is the change in potential on
the floating diffusion,
DQ is the amount of charge, and CFD
is the capacitance of the floating diffusion node. Prior to
each pixel output, the floating diffusion is returned to the RD
level by the reset clock,
fR.
Pixel Summing (Chroma Channels Only)
Enabling the pixel − summing feature can vary the
effective resolution of the color channels of this sensor.
A separate pin is provided for the last shift register gate
labeled
f2SC. This gate, when clocked appropriately, stores
the summation of signal from adjacent pixels. This
combined charge packet is then transferred onto the sense
node. As an example, the sensor can be operated in 2-pixel
summing mode (1,049 pixels), by supplying a clock to
f2SC
which is a 75% duty cycle signal at 1/2 the frequency of the
f2C signal, and modifying the fRC clock as depicted in
Figure 25. Applications that require full resolution mode
(2,098 pixels), must tie the
f2SC pin to the f2C pin. Refer
to Figure 24 for additional details.
The luma channel outputs are in an odd and even
configuration. The odd pixel value and the even pixel value
are available simultaneously during the
f2 clock low phase.
In this manner, pixel summing is an option off-chip.


Similar Part No. - KLI-2104-DAA-ED-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KLI-2113 ONSEMI-KLI-2113 Datasheet
1Mb / 19P
   Linear CCD Image Sensor
November, 2015 - Rev. 5
KLI-2113-12-5-A-EVK ONSEMI-KLI-2113-12-5-A-EVK Datasheet
1Mb / 19P
   Linear CCD Image Sensor
November, 2015 - Rev. 5
KLI-2113-AAA-ER-AA ONSEMI-KLI-2113-AAA-ER-AA Datasheet
1Mb / 19P
   Linear CCD Image Sensor
November, 2015 - Rev. 5
KLI-2113-AAA-ER-AE ONSEMI-KLI-2113-AAA-ER-AE Datasheet
1Mb / 19P
   Linear CCD Image Sensor
November, 2015 - Rev. 5
KLI-2113-AAB-ED-AA ONSEMI-KLI-2113-AAB-ED-AA Datasheet
1Mb / 19P
   Linear CCD Image Sensor
November, 2015 - Rev. 5
More results

Similar Description - KLI-2104-DAA-ED-AE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD2300C TOSHIBA-TCD2300C Datasheet
558Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1501C TOSHIBA-TCD1501C Datasheet
450Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD1502C TOSHIBA-TCD1502C Datasheet
439Kb / 12P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com