Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6849KAZD3 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6849KAZD3
Description  Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6849KAZD3 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6849KAZD3 Datasheet HTML 1Page - Maxim Integrated Products MAX6849KAZD3 Datasheet HTML 2Page - Maxim Integrated Products MAX6849KAZD3 Datasheet HTML 3Page - Maxim Integrated Products MAX6849KAZD3 Datasheet HTML 4Page - Maxim Integrated Products MAX6849KAZD3 Datasheet HTML 5Page - Maxim Integrated Products MAX6849KAZD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6849KAZD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6849KAZD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6849KAZD3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX6846–MAX6849 are a family of ultra-low-power
battery monitors with integrated microprocessor (µP)
supervisors. The user-adjustable battery monitors are
offered with single or dual low-battery output options that
can be used to signal when the battery is OK (enabling
full system operation), when the battery is low (for low-
power system operation), and when the battery is dead
(to disable system operation). These devices also have
an independent µP supervisor that monitors VCC and
provides an active-low reset output. A manual reset
function is available to reset the µP with a pushbutton.
The MAX6846–MAX6849 are ideal for single-cell lithium-
ion (Li+) or multicell alkaline/NiCd/NiMH applications.
When the battery voltage drops below each adjusted low
threshold, the low-battery outputs are asserted to alert
the system. When the voltage rises above the adjusted
high thresholds, the outputs are deasserted after a
150ms minimum timeout period, ensuring the voltages
have stabilized before power circuitry is activated or pro-
viding microprocessor reset timing.
These devices have user-adjustable battery threshold
voltages, providing a wide hysteresis range to prevent
chattering that can result due to battery recovery after
load removal. Single low-battery outputs are supplied
by the MAX6846/MAX6847 and dual low-battery out-
puts are supplied by the MAX6848/MAX6849. All bat-
tery monitors have open-drain low-battery outputs.
The MAX6846–MAX6849 monitor system voltages
(VCC) from 1.8V to 3.3V with seven fixed reset threshold
options. Each device is offered with two minimum reset
timeout periods of 150ms or 1200ms. The MAX6846/
MAX6848 are offered with an open-drain RESET output
and the MAX6847/MAX6849 are offered with a push-
pull RESET output.
The MAX6846–MAX6849 are offered in a SOT23 pack-
age and are fully specified over a -40°C to +85°C temp-
erature range.
Applications
Battery-Powered Systems (Single-Cell Li+ or
Multicell NiMH, NiCd, Alkaline)
Cell Phones/Cordless Phones
Portable Medical Devices
Digital Cameras
Pagers
PDAs
MP3 Players
Electronic Toys
Features
o User-Adjustable Thresholds for Monitoring
Single-Cell Li+ or Multicell Alkaline/NiCd/NiMH
Applications
o Single and Dual Low-Battery Output Options
o Independent µP Reset with Manual Reset
o Factory-Set Reset Thresholds for Monitoring 1.8V
to 3.3V Systems
o Available with 150ms (min) or 1.2s (min) VCC
Reset Timeout Period Options
o 150ms (min) LBO Timeout Period
o Immune to Short-Battery Voltage Transients
o Low Current (2.5µA, typ at 3.6V)
o -40°C to +85°C Operating Temperature Range
o Small 8-Pin SOT23 Packages
Low-Power, Adjustable Battery Monitors with
Hysteresis and Integrated µP Reset
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
MR
RESET
LBO
1
2
8
7
VCC
HTHIN
GND
LTHIN
VDD
SOT23
3
4
6
5
MAX6846
MAX6847
1
2
8
7
VCC
HTHIN
GND
LTHIN
VDD
SOT23
3
4
6
5
MAX6848
MAX6849
LBOL
LBOH
RESET
Pin Configurations
Ordering Information
19-2947; Rev 0; 7/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX6846KA_D_-T
-40°C to +85°C
8 SOT23-8
MAX6847KA_D_-T
-40°C to +85°C
8 SOT23-8
MAX6848KA_D_-T
-40°C to +85°C
8 SOT23-8
MAX6849KA_D_-T
-40°C to +85°C
8 SOT23-8
Note: The first “_” is the VCC reset threshold level, suffix found
in Table 1. The “_” after the D is a placeholder for the reset
timeout period suffix found in Table 2. All devices are available
in tape-and-reel only. There is a 2500 piece minimum order
increment for standard versions (see Standard Versions table).
Sample stock is typically held on standard versions only. Non-
standard versions require a minimum order increment of
10,000 pieces. Contact factory for availability.


Similar Part No. - MAX6849KAZD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6849KA MAXIM-MAX6849KA Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
More results

Similar Description - MAX6849KAZD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841 MICREL-MIC841_15 Datasheet
850Kb / 11P
   Comparator with 1.25% Reference and Adjustable Hysteresis
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com