Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAI-29050-AXA-JD-AE Datasheet(PDF) 8 Page - ON Semiconductor

Part # KAI-29050-AXA-JD-AE
Description  Interline CCD Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-29050-AXA-JD-AE Datasheet(HTML) 8 Page - ON Semiconductor

Back Button KAI-29050-AXA-JD-AE Datasheet HTML 4Page - ON Semiconductor KAI-29050-AXA-JD-AE Datasheet HTML 5Page - ON Semiconductor KAI-29050-AXA-JD-AE Datasheet HTML 6Page - ON Semiconductor KAI-29050-AXA-JD-AE Datasheet HTML 7Page - ON Semiconductor KAI-29050-AXA-JD-AE Datasheet HTML 8Page - ON Semiconductor KAI-29050-AXA-JD-AE Datasheet HTML 9Page - ON Semiconductor KAI-29050-AXA-JD-AE Datasheet HTML 10Page - ON Semiconductor KAI-29050-AXA-JD-AE Datasheet HTML 11Page - ON Semiconductor KAI-29050-AXA-JD-AE Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
KAI−29050
www.onsemi.com
8
IMAGING PERFORMANCE
Table 6. TYPICAL OPERATION CONDITIONS
Unless otherwise noted, the Imaging Performance Specifications are measured using the following conditions.
Description
Condition
Notes
Light Source
Continuous red, green and blue LED illumination
For monochrome sensor, only
green LED used.
Operation
Nominal operating voltages and timing
Table 7. SPECIFICATIONS
All Configurations
Description
Symbol
Min.
Nom.
Max.
Units
Sampling
Plan
Temperature
Tested At
(5C)
Notes
Dark Field Global Non−Uniformity
DSNU
5
mVpp
Die
27, 40
Bright Field Global Non−Uniformity
2
5
%rms
Die
27, 40
1
Bright Field Global Peak to Peak
Non−Uniformity
PRNU
10
30
%pp
Die
27, 40
1
Bright Field Center Non−Uniformity
1
2
%rms
Die
27, 40
1
Maximum Photoresponse Nonlin-
earity
NL
2
%
Design
2
Maximum Gain Difference Between
Outputs
DG
10
%
Design
2
Maximum Signal Error due to
Nonlinearity Differences
DNL
1
%
Design
2
Horizontal CCD Charge Capacity
HNe
50
ke
Design
Vertical CCD Charge Capacity
VNe
45
ke
Design
Photodiode Charge Capacity
PNe
20
ke
Die
27, 40
3
Horizontal CCD Charge Transfer
Efficiency
HCTE
0.999995
0.999999
Die
Vertical CCD Charge Transfer
Efficiency
VCTE
0.999995
0.999999
Die
Photodiode Dark Current
Ipd
7
70
e/p/s
Die
40
Vertical CCD Dark Current
Ivd
140
400
e/p/s
Die
40
Image Lag
Lag
10
e
Design
Antiblooming Factor
Xab
300
Design
Vertical Smear
Smr
−100
dB
Design
Read Noise
ne−T
12
erms
Design
4
Dynamic Range
DR
64
dB
Design
4, 5
Output Amplifier DC Offset
Vodc
9.4
V
Die
27, 40
Output Amplifier Bandwidth
f−3db
250
MHz
Die
6
Output Amplifier Impedance
ROUT
127
W
Die
27, 40
Output Amplifier Sensitivity
DV/DN
34
mV/e
Design
1. Per color
2. Value is over the range of 10% to 90% of photodiode saturation.
3. The operating value of the substrate voltage, VAB, will be marked on the shipping container for each device. The value of VAB is set such
that the photodiode charge capacity is 680 mV.
4. At 40 MHz
5. Uses 20LOG (PNe/ ne−T)
6. Assumes 5 pF load.


Similar Part No. - KAI-29050-AXA-JD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-29050-AXA-JD-AE ONSEMI-KAI-29050-AXA-JD-AE Datasheet
961Kb / 33P
   Interline CCD Image Sensor
April, 2015 ??Rev. 8
KAI-29050-AXA-JD-AE ONSEMI-KAI-29050-AXA-JD-AE Datasheet
2Mb / 34P
   6576 (H) x 4384 (V) Interline CCD Image Sensor
July, 2018 ??Rev. 10
More results

Similar Description - KAI-29050-AXA-JD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com