Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93G66FVT-3GE2 Datasheet(PDF) 7 Page - Rohm

Part # BR93G66FVT-3GE2
Description  MicroWire BUS EEPROM (3-Wire)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93G66FVT-3GE2 Datasheet(HTML) 7 Page - Rohm

Back Button BR93G66FVT-3GE2 Datasheet HTML 3Page - Rohm BR93G66FVT-3GE2 Datasheet HTML 4Page - Rohm BR93G66FVT-3GE2 Datasheet HTML 5Page - Rohm BR93G66FVT-3GE2 Datasheet HTML 6Page - Rohm BR93G66FVT-3GE2 Datasheet HTML 7Page - Rohm BR93G66FVT-3GE2 Datasheet HTML 8Page - Rohm BR93G66FVT-3GE2 Datasheet HTML 9Page - Rohm BR93G66FVT-3GE2 Datasheet HTML 10Page - Rohm BR93G66FVT-3GE2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7/36
Datasheet
Datasheet
BR93G66-3
www.rohm.com
TSZ02201-09190G100040-1-2
15.Jun.2016 REV.003
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Typical Performance Curves
Figure 4. Input High Voltage vs Supply Voltage
(CS,SK,DI,ORG)
Figure 5. Input Low Voltage vs Supply Voltage
(CS,SK,DI,ORG)
Figure 6. Output Low Voltage1 vs Output Low Current
(VCC=2.7V)
Figure 7. Output Low Voltage2 vs Output Low Current
(VCC=1.7V)
0
1
2
3
4
5
6
0
123
45
6
SUPPLY VOLTAGE: Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
1
2
3
4
5
6
0
123
4
5
6
SUPPLY VOLTAGE: Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.2
0.4
0.6
0.8
1
0123
45
OUTPUT LOW CURRENT:IOL(mA)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.2
0.4
0.6
0.8
1
01
23
45
OUTPUT LOW CURRENT : IOL(mA)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃


Similar Part No. - BR93G66FVT-3GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G66FVT-3A ROHM-BR93G66FVT-3A Datasheet
982Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G66FVT-3B ROHM-BR93G66FVT-3B Datasheet
953Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results

Similar Description - BR93G66FVT-3GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G76-3 ROHM-BR93G76-3_1 Datasheet
1Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3B ROHM-BR93G46-3B_1 Datasheet
1,016Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B_1 Datasheet
971Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3 ROHM-BR93G86-3_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3 ROHM-BR93G46-3_1 Datasheet
1,013Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G56-3A ROHM-BR93G56-3A Datasheet
943Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3A ROHM-BR93G76-3A_1 Datasheet
997Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3A ROHM-BR93G86-3A_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3A ROHM-BR93G46-3A_1 Datasheet
1,017Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G56-3 ROHM-BR93G56-3_1 Datasheet
1,014Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com