Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24G32FVM-3AGTTR Datasheet(PDF) 1 Page - Rohm

Part # BR24G32FVM-3AGTTR
Description  I2C BUS EEPROM (2-Wire)
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G32FVM-3AGTTR Datasheet(HTML) 1 Page - Rohm

  BR24G32FVM-3AGTTR Datasheet HTML 1Page - Rohm BR24G32FVM-3AGTTR Datasheet HTML 2Page - Rohm BR24G32FVM-3AGTTR Datasheet HTML 3Page - Rohm BR24G32FVM-3AGTTR Datasheet HTML 4Page - Rohm BR24G32FVM-3AGTTR Datasheet HTML 5Page - Rohm BR24G32FVM-3AGTTR Datasheet HTML 6Page - Rohm BR24G32FVM-3AGTTR Datasheet HTML 7Page - Rohm BR24G32FVM-3AGTTR Datasheet HTML 8Page - Rohm BR24G32FVM-3AGTTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
.
1/37
©2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
TSZ02201-0R2R0G100050-1-2
31.Aug.2016 Rev.008
Serial EEPROM Series Standard EEPROM
I2C BUS EEPROM (2-Wire)
BR24G32-3A
General Description
BR24G32-3A is a 32Kbit serial EEPROM of I2C BUS Interface Method
Features
 All controls available by 2 ports of serial clock(SCL) and
serial data(SDA)
 Other devices than EEPROM can be connected to the
same port, saving microcontroller port
 1.6V to 5.5V Single Power Source Operation most
suitable for battery use
 1MHz action is possible(1.7V to 5.5V)
 Up to 32 Byte in Page Write Mode
 Bit format 4K x 8bit
 Self-timed Programming Cycle
 Low Current Consumption
 Prevention of Write Mistake
WP (Write Protect) Function added
Prevention of Write Mistake At Low Voltage
 More than 1 million write cycles
 More than 40 years data retention
 Noise filter built in SCL / SDA terminal
 Initial delivery state FFh
Packages W(Typ) x D(Typ) x H(Max)
Figure 1.
MSOP8
2.90mm x 4.00mm x 0.90mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
SOP8
5.00mm x 6.20mm x 1.71mm
DIP-T8
9.30mm x 6.50mm x 7.10mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
VSON008X2030
2.00mm x 3.00mm x 0.60mm
SOP- J8M
4.90mm x 6.00mm x 1.80mm
TSSOP-B8M
3.00mm x 6.40mm x 1.10mm
VMMP008Z1830
1.85mm x 3.00mm x 0.40mm
Datasheet


Similar Part No. - BR24G32FVM-3AGTTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G32FVM-3AGT ROHM-BR24G32FVM-3AGT Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
More results

Similar Description - BR24G32FVM-3AGTTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A_14 Datasheet
874Kb / 34P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16-3A ROHM-BR24G16-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com