Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24G64FVT-3GE2 Datasheet(PDF) 7 Page - Rohm

Part # BR24G64FVT-3GE2
Description  I2C BUS EEPROM (2-Wire)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G64FVT-3GE2 Datasheet(HTML) 7 Page - Rohm

Back Button BR24G64FVT-3GE2 Datasheet HTML 3Page - Rohm BR24G64FVT-3GE2 Datasheet HTML 4Page - Rohm BR24G64FVT-3GE2 Datasheet HTML 5Page - Rohm BR24G64FVT-3GE2 Datasheet HTML 6Page - Rohm BR24G64FVT-3GE2 Datasheet HTML 7Page - Rohm BR24G64FVT-3GE2 Datasheet HTML 8Page - Rohm BR24G64FVT-3GE2 Datasheet HTML 9Page - Rohm BR24G64FVT-3GE2 Datasheet HTML 10Page - Rohm BR24G64FVT-3GE2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Datasheet
7/36
BR24G64-3
TSZ02201-0R2R0G100220-1-2
14.Mar.2016 Rev.006
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Figure 13. Clock Frequency vs Supply Voltage
Figure 14. Data Clock High Period vs Supply Voltage
Figure 12. Standby Current vs Supply Voltage
Figure 15. Data Clock Low Period vs Supply Voltage
Typical Performance Curves‐continued
0.1
1
10
100
1000
10000
01
2
3
4
5
6
Supply Voltage : Vcc(v)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.5
1
1.5
2
2.5
01
23
456
Supply Voltage : Vcc(v)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.2
0.4
0.6
0.8
1
01
23
4
5
6
Supply Voltage : Vcc(v)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.3
0.6
0.9
1.2
1.5
0123
456
Supply Voltage : Vcc(v)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃


Similar Part No. - BR24G64FVT-3GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G64FVT-3 ROHM-BR24G64FVT-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64FVT-3A ROHM-BR24G64FVT-3A Datasheet
842Kb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G64FVT-3AGE2 ROHM-BR24G64FVT-3AGE2 Datasheet
842Kb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G64FVT-3E2 ROHM-BR24G64FVT-3E2 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64FVT-3TR ROHM-BR24G64FVT-3TR Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G64FVT-3GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A_14 Datasheet
874Kb / 34P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16-3A ROHM-BR24G16-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com