Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24G512-3A Datasheet(PDF) 1 Page - Rohm

Part # BR24G512-3A
Description  I2C BUS EEPROM (2-Wire)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G512-3A Datasheet(HTML) 1 Page - Rohm

  BR24G512-3A_14 Datasheet HTML 1Page - Rohm BR24G512-3A_14 Datasheet HTML 2Page - Rohm BR24G512-3A_14 Datasheet HTML 3Page - Rohm BR24G512-3A_14 Datasheet HTML 4Page - Rohm BR24G512-3A_14 Datasheet HTML 5Page - Rohm BR24G512-3A_14 Datasheet HTML 6Page - Rohm BR24G512-3A_14 Datasheet HTML 7Page - Rohm BR24G512-3A_14 Datasheet HTML 8Page - Rohm BR24G512-3A_14 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Datasheet
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
.
1/30
TSZ02201-0R2R0G100360-1-2
24.May.2014 Rev.004
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
Serial EEPROM Series Standard EEPROM
I2C BUS EEPROM (2-Wire)
BR24G512-3A
General Description
BR24G512-3A is a serial EEPROM of I2C BUS Interface Method
Features
All controls available by 2 ports of serial clock (SCL)
and serial data (SDA)
Other devices than EEPROM can be connected to the
same port, saving microcontroller port
1.7V to 5.5V single power source operation most
suitable for battery use
1.7V to 5.5Vwide limit of operating voltage, possible
1MHz operation
Page Write Mode useful for initial value write at factory
shipment
Self-timed Programming Cycle
Low Current Consumption
Prevention of Write Mistake
Write (Write Protect) Function added
Prevention of Write Mistake at Low Voltage
More than 1 million write cycles
More than 40 years data retention
Noise filter built in SCL / SDA terminal
Initial delivery state FFh
Page Write
Number of
Pages
128 Bytes
Product number
BR24G512-3A
BR24G512-3A
Capacity
Bit
Format
Type
Power Supply
Voltage
Package
512Kbit
64K×8
BR24G512-3A
1.7V to 5.5V
DIP-T8
BR24G512F-3A
SOP8
BR24G512FJ-3A
SOP-J8
BR24G512FVT-3A
TSSOP-B8
Packages
W(Typ) x D(Typ)x H(Max)
SOP-J8
4.90mm x 6.00mm x 1.65mm
SOP8
5.00mm x 6.20mm x 1.71mm
DIP-T8
9.30mm x 6.50mm x 7.10mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
Figure 1.


Similar Part No. - BR24G512-3A_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G512-3AE2 ROHM-BR24G512-3AE2 Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G512-3A_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16-3A ROHM-BR24G16-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com