Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24G02F-3GTE2 Datasheet(PDF) 1 Page - Rohm

Part # BR24G02F-3GTE2
Description  I2C BUS EEPROM (2-Wire)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G02F-3GTE2 Datasheet(HTML) 1 Page - Rohm

  BR24G02F-3GTE2 Datasheet HTML 1Page - Rohm BR24G02F-3GTE2 Datasheet HTML 2Page - Rohm BR24G02F-3GTE2 Datasheet HTML 3Page - Rohm BR24G02F-3GTE2 Datasheet HTML 4Page - Rohm BR24G02F-3GTE2 Datasheet HTML 5Page - Rohm BR24G02F-3GTE2 Datasheet HTML 6Page - Rohm BR24G02F-3GTE2 Datasheet HTML 7Page - Rohm BR24G02F-3GTE2 Datasheet HTML 8Page - Rohm BR24G02F-3GTE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/34
TSZ02201-0R2R0G100170-1-2
08.Aug.2013 Rev.006
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
Serial EEPROM Series Standard EEPROM
I
2C BUS EEPROM (2-Wire)
BR24G02-3
General Description
BR24G02-3 is a 2Kbit serial EEPROM of I
2C BUS Interface.
Features
Completely Conforming to the World Standard I
2C
BUS. All Controls Available by 2 Ports of Serial
Clock (SCL) and Serial Data (SDA)
Other Devices than EEPROM can be Connected to
the Same Port, Saving Microcontroller Port
1.6V to 5.5V Single Power Source Operation Most
Suitable for Battery Use
1.6V to 5.5V Wide Limit of Operating Voltage,
Possible FAST MODE 400KHz Operation
Up to 8 Byte in Page Write Mode
Bit Format 256 x 8
Self-timed Programming Cycle
Low Current Consumption
Prevention of Write Mistake
Write (Write Protect) Function Added
Prevention of Write Mistake at Low Voltage
More than 1 Million Write Cycles
More than 40 Years Data Retention
Noise Filter Built in SCL / SDA Terminal
Initial Delivery State FFh
Packages W(Typ) x D(Typ) x H(Max)
Figure 1.
SOP8
5.00mm x 6.20mm x 1.71mm
SOP- J8
4.90mm x 6.00mm x 1.65mm
VSON008X2030
2.00mm x 3.00mm x 0.60mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
DIP-T8
9.30mm x 6.50mm x 7.10mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm


Similar Part No. - BR24G02F-3GTE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02F-3 ROHM-BR24G02F-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02F-3A ROHM-BR24G02F-3A Datasheet
842Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G02F-3E2 ROHM-BR24G02F-3E2 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02F-3TR ROHM-BR24G02F-3TR Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G02F-3GTE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A_14 Datasheet
874Kb / 34P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16-3A ROHM-BR24G16-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com