Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP90 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EP90
Description  -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP90 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EP90 Datasheet HTML 1Page - ON Semiconductor MC100EP90 Datasheet HTML 2Page - ON Semiconductor MC100EP90 Datasheet HTML 3Page - ON Semiconductor MC100EP90 Datasheet HTML 4Page - ON Semiconductor MC100EP90 Datasheet HTML 5Page - ON Semiconductor MC100EP90 Datasheet HTML 6Page - ON Semiconductor MC100EP90 Datasheet HTML 7Page - ON Semiconductor MC100EP90 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 4
1
Publication Order Number:
MC10EP90/D
MC10EP90, MC100EP90
−3.3V / −5VTriple ECL Input
to LVPECL/PECL Output
Translator
The MC10/100EP90 is a TRIPLE ECL TO LVPECL/PECL
translator. The device receives differential LVECL or ECL signals and
translates them to differential LVPECL or PECL output signals.
A VBB output is provided for interfacing with Single−Ended LVECL
or ECL signals at the input. If a Single−Ended input is to be used the
VBB output should be connected to the D input. The active signal would
then drive the D input. When used the VBB output should be bypassed
to ground by a 0.01
mF capacitor. The VBB output is designed to act as
the switching reference for the EP90 under Single−Ended input
switching conditions, as a result this pin can only source/sink up to 0.5
mA of current.
To accomplish the level translation the EP90 requires three power
rails. The VCC supply should be connected to the positive supply, and
the VEE connected to the negative supply.
The 100 Series contains temperature compensation.
260 ps Typical Propagation Delay
Maximum Frequency > 3 GHz Typical
Voltage Supplies V
CC = 3.0 V to 5.5 V, VEE = −3.0 V to −5.5 V,
GND = 0 V
Open Input Default State
Safety Clamp on Inputs
Fully Differential Design
Q Output Will Default LOW with Inputs Open or at V
EE
V
BB Output
These are Pb−Free Devices*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TSSOP−20
DT SUFFIX
CASE 948E
MARKING DIAGRAM*
xxx
= MC10 or 100
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
*For additional marking information, refer to
Application Note AND8002/D.
XXXX
EP90
ALYW
1
20
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC100EP90

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP90 ONSEMI-MC100EP90 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EP90 ONSEMI-MC100EP90 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100EP90DT ONSEMI-MC100EP90DT Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EP90DTG ONSEMI-MC100EP90DTG Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EP90DTG ONSEMI-MC100EP90DTG Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
More results

Similar Description - MC100EP90

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
logo
Micrel Semiconductor
SY100EL90V MICREL-SY100EL90V_06 Datasheet
59Kb / 5P
   5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL90V MICREL-SY100EL90V Datasheet
67Kb / 4P
   5V/3.3V TRIPLE ECL/LVECL-TOPECL/ LVPECL TRANSLATOR
logo
ON Semiconductor
MC100EL90 ONSEMI-MC100EL90_06 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100LVEL92 ONSEMI-MC100LVEL92_16 Datasheet
147Kb / 5P
   5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13
MC100LVEL90 ONSEMI-MC100LVEL90_06 Datasheet
112Kb / 6P
   ??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL90 ONSEMI-MC100LVEL90 Datasheet
114Kb / 4P
   Triple ECL to PECL Translator
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com