Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6848KARD3 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6848KARD3
Description  Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6848KARD3 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6848KARD3 Datasheet HTML 4Page - Maxim Integrated Products MAX6848KARD3 Datasheet HTML 5Page - Maxim Integrated Products MAX6848KARD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6848KARD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6848KARD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6848KARD3 Datasheet HTML 9Page - Maxim Integrated Products MAX6848KARD3 Datasheet HTML 10Page - Maxim Integrated Products MAX6848KARD3 Datasheet HTML 11Page - Maxim Integrated Products MAX6848KARD3 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Manual Reset
Many microprocessor-based products require manual
reset capability, allowing the operator, a test technician,
or external logic circuitry to initiate a reset while the
monitored supplies remain above their reset thresholds.
These devices have a dedicated active-low MR pin.
When MR is pulled low, RESET asserts a one-shot low
pulse for the MR reset timeout period. The MR input has
an internal 1.5k
Ω pullup resistor to VCC and can be left
unconnected if not used. MR can be driven with CMOS-
logic levels, open-drain/open-collector outputs, or a
momentary pushbutton switch to GND (the MR function
is internally debounced for the tDEB timeout period) to
create a manual reset function. If MR is driven from long
cables, or if the device is used in a noisy environment,
connect a 0.1µF capacitor from MR to GND to provide
additional noise immunity (see Figure 4).
Hysteresis
Hysteresis increases the comparator’s noise margin by
increasing the upper threshold or decreasing the lower
threshold. The hysteresis prevents the output from
oscillating (chattering) when monitor input is near the
low-battery threshold. This is especially important for
applications where the load on the battery creates sig-
nificant fluctuations in battery voltages (see Figures 2
and 3).
For the MAX6846/MAX6847, hysteresis is set using three
external resistors (see Figure 5). The MAX6848/MAX6849
have dual, low-battery input levels. Each input level has a
5% (typ) hysteresis.
Applications Information
Resistor-Value Selection (Programming
the Adjustable Thresholds)
MAX6846/MAX6847
Use the following steps to determine values for R1, R2,
and R3 of Figure 5.
1) Choose a value for RTOTAL, the sum of R1, R2, and
R3. Because the MAX6846/MAX6847 have very high
input impedance, RTOTAL can be up to 500k
Ω.
2) Calculate R3 based on RTOTAL and the desired
upper trip point:
3) Calculate R2 based on RTOTAL, R3, and the desired
lower trip point:
4) Calculate R1 based on RTOTAL, R3, and R2:
MAX6848/MAX6849
VLTH- = VHTH- = 582mV
LBOL low-trip level:
LBOH low-trip level:
Use the following steps to determine values for R1, R2,
and R3 of Figure 5.
VV
RR
R
R
RR
R
R
TRIPHIGH
HTH
TOTAL
++


=+
+
-
12
3
3
12
3
VV
RR
R
RR
TRIPLOW
LTH
++
+


-
12
3
23
RR
R
R
TOTAL
12
3
=
--
R
mV
R
V
R
TOTAL
TRIPLOW
2
615
3
=
×


-
R
mV
R
V
TOTAL
TRIPHIGH
3
615
=
×
VV
mV
VV
RR
R
RR
VV
RR
R
R
RR
R
R
LTH
HTH
TRIPLOW
LTH
TRIPHIGH
HTH
TOTAL
==
++
+


++


=+
+
615
12
3
23
123
3
12
3
Low-Power, Adjustable Battery Monitors with
Hysteresis and Integrated µP Reset
_______________________________________________________________________________________
9
MAX6846
MAX6847
MAX6848
MAX6849
VDD
VDD
LTHIN
HTHIN
GND
* FOR THE MAX6846/MAX6847.
( ) FOR THE MAX6848/MAX6849.
(LBOH)
(LBOL)
R1
R2
R3
LBO*
Figure 5. Adjustable Threshold Selection


Similar Part No. - MAX6848KARD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6848KA MAXIM-MAX6848KA Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
More results

Similar Description - MAX6848KARD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841 MICREL-MIC841_15 Datasheet
850Kb / 11P
   Comparator with 1.25% Reference and Adjustable Hysteresis
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com