Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKRAWT-00-0000-0B0UF230F Datasheet(PDF) 4 Page - Cree, Inc

Part # MKRAWT-00-0000-0B0UF230F
Description  Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MKRAWT-00-0000-0B0UF230F Datasheet(HTML) 4 Page - Cree, Inc

  MKRAWT-00-0000-0B0UF230F Datasheet HTML 1Page - Cree, Inc MKRAWT-00-0000-0B0UF230F Datasheet HTML 2Page - Cree, Inc MKRAWT-00-0000-0B0UF230F Datasheet HTML 3Page - Cree, Inc MKRAWT-00-0000-0B0UF230F Datasheet HTML 4Page - Cree, Inc MKRAWT-00-0000-0B0UF230F Datasheet HTML 5Page - Cree, Inc MKRAWT-00-0000-0B0UF230F Datasheet HTML 6Page - Cree, Inc MKRAWT-00-0000-0B0UF230F Datasheet HTML 7Page - Cree, Inc MKRAWT-00-0000-0B0UF230F Datasheet HTML 8Page - Cree, Inc MKRAWT-00-0000-0B0UF230F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite® and SC3 Technology® are registered trademarks and
the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® mK-R LEDs
Notes:
• Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsand±2onCRI
measurements.SeetheMeasurementssection(page29).
• Minimum CRI for 80-CRI White is 80.
* Fluxvalues@25 °Carecalculatedandforreferenceonly.
** CreeXLampMK-RLEDordercodesspecifyonlyaminimumfluxbinandnotamaximum.Creemayshipreelsinfluxbinshigher
thantheminimumspecifiedbytheordercodewithoutadvancenotice.Shipmentswillalwaysadheretothechromaticityrestrictions
specifiedbytheordercode.
FLuX ChARACtERistiCs, EAsyWhitE® Order COdes and Bins - 6 V (i
F = 1400 mA, tJ = 85 °C)
The following tables provide order codes for XLamp MK-R LeDs. For a complete description of the order code nomenclature, please
referenceBinandOrderCodeFormats(page27).
Color
CCt
Range
Minimum Luminous Flux**
2-step
4-step
Group
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
Chromaticity
Region
order Code
Chromaticity
Region
order Code
80-CRI
easyWhite
5000K
H4
970
1091
50H
MKRAWT-00-0000-0B0HH450H
50F
MKRAWT-00-0000-0B0HH450F
H2
900
1012
MKRAWT-00-0000-0B0HH250H
MKRAWT-00-0000-0B0HH250F
G4
840
945
MKRAWT-00-0000-0B0HG450H
MKRAWT-00-0000-0B0HG450F
4500K
H4
970
1091
45H
MKRAWT-00-0000-0B0HH445H
45F
MKRAWT-00-0000-0B0HH445F
H2
900
1012
MKRAWT-00-0000-0B0HH245H
MKRAWT-00-0000-0B0HH245F
G4
840
945
MKRAWT-00-0000-0B0HG445H
MKRAWT-00-0000-0B0HG445F
4000 K
H4
970
1091
40H
MKRAWT-00-0000-0B0HH440H
40F
MKRAWT-00-0000-0B0HH440F
H2
900
1012
MKRAWT-00-0000-0B0HH240H
MKRAWT-00-0000-0B0HH240F
G4
840
945
MKRAWT-00-0000-0B0HG440H
MKRAWT-00-0000-0B0HG440F
3500K
H4
970
1091
35H
MKRAWT-00-0000-0B0HH435H
35F
MKRAWT-00-0000-0B0HH435F
H2
900
1012
MKRAWT-00-0000-0B0HH235H
MKRAWT-00-0000-0B0HH235F
G4
840
945
MKRAWT-00-0000-0B0HG435H
MKRAWT-00-0000-0B0HG435F
G2
780
877
MKRAWT-00-0000-0B0HG235H
MKRAWT-00-0000-0B0HG235F
3000K
H2
900
1012
30H
MKRAWT-00-0000-0B0HH230H
30F
MKRAWT-00-0000-0B0HH230F
G4
840
945
MKRAWT-00-0000-0B0HG430H
MKRAWT-00-0000-0B0HG430F
G2
780
877
MKRAWT-00-0000-0B0HG230H
MKRAWT-00-0000-0B0HG230F
2700 K
H2
900
1012
27H
MKRAWT-00-0000-0B0HH227H
27F
MKRAWT-00-0000-0B0HH227F
G4
840
945
MKRAWT-00-0000-0B0HG427H
MKRAWT-00-0000-0B0HG427F
G2
780
877
MKRAWT-00-0000-0B0HG227H
MKRAWT-00-0000-0B0HG227F
F4
730
821
MKRAWT-00-0000-0B0HF427H
MKRAWT-00-0000-0B0HF427F


Similar Part No. - MKRAWT-00-0000-0B0UF230F

ManufacturerPart #DatasheetDescription
logo
Surge Components
MKR SURGE-MKR Datasheet
1Mb / 2P
   high speed charge-discharge
logo
Cree, Inc
MKRBWT-00-0000-0N0HF427F CREE-MKRBWT-00-0000-0N0HF427F Datasheet
1Mb / 14P
   XLamp LEDs
MKRBWT-00-0000-0N0HF427H CREE-MKRBWT-00-0000-0N0HF427H Datasheet
1Mb / 14P
   XLamp LEDs
MKRBWT-00-0000-0N0HG227F CREE-MKRBWT-00-0000-0N0HG227F Datasheet
1Mb / 14P
   XLamp LEDs
MKRBWT-00-0000-0N0HG227H CREE-MKRBWT-00-0000-0N0HG227H Datasheet
1Mb / 14P
   XLamp LEDs
More results

Similar Description - MKRAWT-00-0000-0B0UF230F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
MLBAWT-A1-0000-000W51 CREE-MLBAWT-A1-0000-000W51_13 Datasheet
1,022Kb / 11P
   XLamp ML-B LEDs ANSI-compatible sub-bins Electrically neutral thermal path
logo
Murata Manufacturing Co...
PTFM04BG222Q2N34BS MURATA-PTFM04BG222Q2N34BS Datasheet
195Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BF222Q2N34BS MURATA-PTFM04BF222Q2N34BS Datasheet
199Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BB471Q2N34BS MURATA-PTFM04BB471Q2N34BS Datasheet
199Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BE222Q2N34BS MURATA-PTFM04BE222Q2N34BS Datasheet
200Kb / 3P
   compact and light design as well as excellent thermal response
PTFM04BF471Q2N34BS MURATA-PTFM04BF471Q2N34BS Datasheet
199Kb / 3P
   compact and light design as well as excellent thermal response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com