Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHBAWT-0000-000C0BE257E Datasheet(PDF) 2 Page - Cree, Inc

Part # MHBAWT-0000-000C0BE257E
Description  Flexible 9?멫, 18?멫 or 36?멫 options
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MHBAWT-0000-000C0BE257E Datasheet(HTML) 2 Page - Cree, Inc

  MHBAWT-0000-000C0BE257E Datasheet HTML 1Page - Cree, Inc MHBAWT-0000-000C0BE257E Datasheet HTML 2Page - Cree, Inc MHBAWT-0000-000C0BE257E Datasheet HTML 3Page - Cree, Inc MHBAWT-0000-000C0BE257E Datasheet HTML 4Page - Cree, Inc MHBAWT-0000-000C0BE257E Datasheet HTML 5Page - Cree, Inc MHBAWT-0000-000C0BE257E Datasheet HTML 6Page - Cree, Inc MHBAWT-0000-000C0BE257E Datasheet HTML 7Page - Cree, Inc MHBAWT-0000-000C0BE257E Datasheet HTML 8Page - Cree, Inc MHBAWT-0000-000C0BE257E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® mHB-a LED
CHArACtEristiCs
Characteristics
unit
Minimum
typical
Maximum
Thermal resistance, junction to solder point
°C/W
5.5
viewing angle (FWHM)
degrees
115
Temperaturecoefficientofvoltage(9 V)
mV/°C
-4
Temperaturecoefficientofvoltage(18 V)
mV/°C
-8
Temperaturecoefficientofvoltage(36 V)
mV/°C
-16
eSD withstand voltage (HBM per Mil-Std-883D)
v
8000
DCforwardcurrent(9 V)
mA
480
700
DCforwardcurrent(18 V)
mA
240
350
DCforwardcurrent(36 V)
mA
120
175
Reversecurrent(9 V,18 V,36 V)
mA
0.1
Forwardvoltage(9 V,@480 mA,85 °C)
v
9.25
Forwardvoltage(9 V,@480 mA,25 °C)
v
10.5
Forwardvoltage(18 V,@240 mA,85 °C)
v
18.5
Forwardvoltage(18 V,@240 mA,25 °C)
v
21
Forwardvoltage(36 V,@120 mA,85 °C)
v
37
Forwardvoltage(36 V,@120 mA,25 °C)
v
42
LeD junction temperature
°C
150


Similar Part No. - MHBAWT-0000-000C0BE257E

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
More results

Similar Description - MHBAWT-0000-000C0BE257E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MHB-B CREE-MHB-B Datasheet
1Mb / 25P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHD-E CREE-MHD-E Datasheet
1Mb / 25P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHD-G CREE-MHD-G Datasheet
1Mb / 21P
   Flexible 18?멫 or 36?멫 options
JR50506-V CREE-JR50506-V Datasheet
4Mb / 43P
   Cree짰 J Series??5050 6-V, 9?멫, 12?멫, 24?멫 & 36?멫 LEDs
JQ5050 CREE-JQ5050 Datasheet
4Mb / 26P
   Cree짰 J Series??5050 9?멫 LEDs
JK28359-V CREE-JK28359-V Datasheet
5Mb / 28P
   Cree짰 J Series??2835 9?멫 Value LEDs
logo
List of Unclassifed Man...
MIKE-1B ETC2-MIKE-1B Datasheet
301Kb / 2P
   Flexible connector and cable options
logo
Maxim Integrated Produc...
MAX13053AESHLD MAXIM-MAX13053AESHLD Datasheet
882Kb / 9P
   Family Provides Flexible Design Options
Rev 0; 7/18
logo
Integrated Device Techn...
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com