Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHDEWT-0000-000C0HH257E Datasheet(PDF) 5 Page - Cree, Inc

Part # MHDEWT-0000-000C0HH257E
Description  Flexible 9?멫, 18?멫 or 36?멫 options
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MHDEWT-0000-000C0HH257E Datasheet(HTML) 5 Page - Cree, Inc

  MHDEWT-0000-000C0HH257E Datasheet HTML 1Page - Cree, Inc MHDEWT-0000-000C0HH257E Datasheet HTML 2Page - Cree, Inc MHDEWT-0000-000C0HH257E Datasheet HTML 3Page - Cree, Inc MHDEWT-0000-000C0HH257E Datasheet HTML 4Page - Cree, Inc MHDEWT-0000-000C0HH257E Datasheet HTML 5Page - Cree, Inc MHDEWT-0000-000C0HH257E Datasheet HTML 6Page - Cree, Inc MHDEWT-0000-000C0HH257E Datasheet HTML 7Page - Cree, Inc MHDEWT-0000-000C0HH257E Datasheet HTML 8Page - Cree, Inc MHDEWT-0000-000C0HH257E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® mHD-E LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
toleranceof±2onCRImeasurements.SeetheMeasurementssection(page19).
CreeXLampMHD‑ELEDordercodesspecifyonlyaminimumfluxbinandnotamaximum.Creemayshipreelsinfluxbinshigherthan
theminimumspecifiedbytheordercodewithoutadvancenotice.Shipmentswillalwaysadheretothechromaticitybinrestrictions
specifiedbytheordercode.
* Fluxvalues@25°Carecalculatedandforreferenceonly.
FLuX CHArACtEristiCs, EAsyWHitE® Order COdes and Bins - 36 V
The following table provides order codes for XLamp MHD-e LeDs. For a complete description of the order code nomenclature, please see
theBinandOrderCodeFormatssection(page17).
Test condition: T
J=85 °C,36 V,IF=200 mA
nominal
CCt
Cri
Minimum Luminous Flux
2-step
3-step
5-step
Min
Group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
Group
order Code
Group
order Code
Group
order Code
6500 K
70
H2
900
1007
65E
MHDeWT-0000-
000N0BH265E
H4
970
1085
MHDeWT-0000-
000N0BH465E
80
G4
840
940
65E
MHDeWT-0000-
000N0HG465E
H2
900
1007
MHDeWT-0000-
000N0HH265E
5700 K
70
H2
900
1007
57E
MHDeWT-0000-
000N0BH257E
H4
970
1085
MHDeWT-0000-
000N0BH457E
80
G4
840
940
57E
MHDeWT-0000-
000N0HG457E
H2
900
1007
MHDeWT-0000-
000N0HH257E
5000 K
70
H2
900
1007
50E
MHDeWT-0000-
000N0BH250E
H4
970
1085
MHDeWT-0000-
000N0BH450E
80
G4
840
940
50G
MHDeWT-0000-
000N0HG450G
50E
MHDeWT-0000-
000N0HG450E
H2
900
1007
MHDeWT-0000-
000N0HH250G
MHDeWT-0000-
000N0HH250E
90
F4
730
817
50G
MHDeWT-0000-
000N0UF450G
50E
MHDeWT-0000-
000N0UF450E
G2
780
873
MHDeWT-0000-
000N0UG250G
MHDeWT-0000-
000N0UG250E


Similar Part No. - MHDEWT-0000-000C0HH257E

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHD MERITEK-MHD Datasheet
285Kb / 2P
   Snap-In Aluminim Electrolytic Capacitors
logo
Cree, Inc
MHD-G CREE-MHD-G Datasheet
1Mb / 21P
   Flexible 18?멫 or 36?멫 options
logo
MERITEK ELECTRONICS COR...
MHD160V153M22X25 MERITEK-MHD160V153M22X25 Datasheet
285Kb / 2P
   Snap-In Aluminim Electrolytic Capacitors
MHD160V222M22X25 MERITEK-MHD160V222M22X25 Datasheet
285Kb / 2P
   Snap-In Aluminim Electrolytic Capacitors
MHD160V473M22X25 MERITEK-MHD160V473M22X25 Datasheet
285Kb / 2P
   Snap-In Aluminim Electrolytic Capacitors
More results

Similar Description - MHDEWT-0000-000C0HH257E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MHB-A CREE-MHB-A Datasheet
1Mb / 28P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHB-B CREE-MHB-B Datasheet
1Mb / 25P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHD-G CREE-MHD-G Datasheet
1Mb / 21P
   Flexible 18?멫 or 36?멫 options
JR50506-V CREE-JR50506-V Datasheet
4Mb / 43P
   Cree짰 J Series??5050 6-V, 9?멫, 12?멫, 24?멫 & 36?멫 LEDs
JQ5050 CREE-JQ5050 Datasheet
4Mb / 26P
   Cree짰 J Series??5050 9?멫 LEDs
JK28359-V CREE-JK28359-V Datasheet
5Mb / 28P
   Cree짰 J Series??2835 9?멫 Value LEDs
logo
List of Unclassifed Man...
MIKE-1B ETC2-MIKE-1B Datasheet
301Kb / 2P
   Flexible connector and cable options
logo
Maxim Integrated Produc...
MAX13053AESHLD MAXIM-MAX13053AESHLD Datasheet
882Kb / 9P
   Family Provides Flexible Design Options
Rev 0; 7/18
logo
Integrated Device Techn...
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com