Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHDEWT-0000-000C0BH257E Datasheet(PDF) 1 Page - Cree, Inc

Part # MHDEWT-0000-000C0BH257E
Description  Flexible 9?멫, 18?멫 or 36?멫 options
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MHDEWT-0000-000C0BH257E Datasheet(HTML) 1 Page - Cree, Inc

  MHDEWT-0000-000C0BH257E Datasheet HTML 1Page - Cree, Inc MHDEWT-0000-000C0BH257E Datasheet HTML 2Page - Cree, Inc MHDEWT-0000-000C0BH257E Datasheet HTML 3Page - Cree, Inc MHDEWT-0000-000C0BH257E Datasheet HTML 4Page - Cree, Inc MHDEWT-0000-000C0BH257E Datasheet HTML 5Page - Cree, Inc MHDEWT-0000-000C0BH257E Datasheet HTML 6Page - Cree, Inc MHDEWT-0000-000C0BH257E Datasheet HTML 7Page - Cree, Inc MHDEWT-0000-000C0BH257E Datasheet HTML 8Page - Cree, Inc MHDEWT-0000-000C0BH257E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Product family data sheet
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and
EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® MHD-E LEDs
ProDuCt DEsCriPtion
The XLamp® MHD-e LeD is a new
generation of high-power LeD that
delivers a more effective way to achieve
low-cost systems than mid-power (MP)
LeDs. Built using Cree’s high-reliability
ceramic-package technology, the XLamp
MHD-e LeD is able to operate at higher
temperatures than MP LeDs with no
reduction in rated lifetime, enabling
an impressive 60% reduction in heat
sink size and cost. Using many times
fewer LeDs than MP LeDs to achieve
the same performance, the XLamp
MHD-e LeD is optimized to simplify
LeD system designs for directional and
semi-directional applications.
FEAturEs
• Flexible 9-v, 18-v or 36-v options
• Maximumdrivecurrent:1400 mA
(9 V),700 mA(18 V),350 mA(36 V)
• Viewingangle:115°
• Availablein70‑CRI,80‑CRIand90‑CRI
options
• Unlimitedfloorlifeat≤ 30 ºC/85% RH
• Reflowsolderable‑JEDEC
J‑STD‑020C
• electrically neutral thermal path
• RoHSandREAChcompliant
• UL® recognized component (e349212)
tAbLE oF ContEnts
Characteristics .......................................... 2
Flux Characteristics, easyWhite® Order
CodesandBins‑9 V/18 V........................ 3
Flux Characteristics, easyWhite® Order
CodesandBins‑36 V............................... 5
Relative Spectral Power Distribution ....... 7
RelativeFluxvs.JunctionTemperature... 7
electrical Characteristics.......................... 8
Relative Flux vs. Current ........................... 9
Relative Chromaticity vs. Current........... 11
Relative Chromaticity vs. Temperature.. 12
Typical Spatial Distribution..................... 13
Thermal Design....................................... 13
Performance Groups – Luminous Flux.. 15
Performance Groups – Chromaticity..... 15
Cree’s Standard White Chromaticity
RegionsPlottedonthe1931CIECurve. 16
Bin and Order Code Format.................... 17
ReflowSolderingCharacteristics........... 18
Notes ....................................................... 19
Mechanical Dimensions ......................... 21
ElectricalConfiguration .......................... 23
Tape and Reel.......................................... 24
Packaging................................................ 25


Similar Part No. - MHDEWT-0000-000C0BH257E

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHD MERITEK-MHD Datasheet
285Kb / 2P
   Snap-In Aluminim Electrolytic Capacitors
logo
Cree, Inc
MHD-G CREE-MHD-G Datasheet
1Mb / 21P
   Flexible 18?멫 or 36?멫 options
logo
MERITEK ELECTRONICS COR...
MHD160V153M22X25 MERITEK-MHD160V153M22X25 Datasheet
285Kb / 2P
   Snap-In Aluminim Electrolytic Capacitors
MHD160V222M22X25 MERITEK-MHD160V222M22X25 Datasheet
285Kb / 2P
   Snap-In Aluminim Electrolytic Capacitors
MHD160V473M22X25 MERITEK-MHD160V473M22X25 Datasheet
285Kb / 2P
   Snap-In Aluminim Electrolytic Capacitors
More results

Similar Description - MHDEWT-0000-000C0BH257E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MHB-A CREE-MHB-A Datasheet
1Mb / 28P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHB-B CREE-MHB-B Datasheet
1Mb / 25P
   Flexible 9?멫, 18?멫 or 36?멫 options
MHD-G CREE-MHD-G Datasheet
1Mb / 21P
   Flexible 18?멫 or 36?멫 options
JR50506-V CREE-JR50506-V Datasheet
4Mb / 43P
   Cree짰 J Series??5050 6-V, 9?멫, 12?멫, 24?멫 & 36?멫 LEDs
JQ5050 CREE-JQ5050 Datasheet
4Mb / 26P
   Cree짰 J Series??5050 9?멫 LEDs
JK28359-V CREE-JK28359-V Datasheet
5Mb / 28P
   Cree짰 J Series??2835 9?멫 Value LEDs
logo
List of Unclassifed Man...
MIKE-1B ETC2-MIKE-1B Datasheet
301Kb / 2P
   Flexible connector and cable options
logo
Maxim Integrated Produc...
MAX13053AESHLD MAXIM-MAX13053AESHLD Datasheet
882Kb / 9P
   Family Provides Flexible Design Options
Rev 0; 7/18
logo
Integrated Device Techn...
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com