Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSF3221 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TRSF3221
Description  3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRSF3221 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRSF3221 Datasheet HTML 4Page - Texas Instruments TRSF3221 Datasheet HTML 5Page - Texas Instruments TRSF3221 Datasheet HTML 6Page - Texas Instruments TRSF3221 Datasheet HTML 7Page - Texas Instruments TRSF3221 Datasheet HTML 8Page - Texas Instruments TRSF3221 Datasheet HTML 9Page - Texas Instruments TRSF3221 Datasheet HTML 10Page - Texas Instruments TRSF3221 Datasheet HTML 11Page - Texas Instruments TRSF3221 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
AUTO-POWERDOWN SECTION
Switching Characteristics
TRSF3221E
3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS822 – JULY 2007
abc
Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Receiver input threshold
VT+(valid)
FORCEON = GND,
FORCEOFF = VCC
2.7
V
for INVALID high-level output voltage
Receiver input threshold
VT–(valid)
FORCEON = GND,
FORCEOFF = VCC
–2.7
V
for INVALID high-level output voltage
Receiver input threshold
VT(invalid)
FORCEON = GND,
FORCEOFF = VCC
–0.3
0.3
V
for INVALID low-level output voltage
IOH = –1 mA, FORCEON = GND,
VOH
INVALID high-level output voltage
VCC – 0.6
V
FORCEOFF = VCC
IOL = 1.6 mA, FORCEON = GND,
VOL
INVALID low-level output voltage
0.4
V
FORCEOFF = VCC
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TYP(1)
UNIT
tvalid
Propagation delay time, low- to high-level output
1
μs
tinvalid
Propagation delay time, high- to low-level output
30
μs
ten
Supply enable time
100
μs
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
8
Submit Documentation Feedback


Similar Part No. - TRSF3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3221 TI-TRSF3221 Datasheet
499Kb / 17P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3221 TI1-TRSF3221 Datasheet
505Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3221 TI-TRSF3221 Datasheet
893Kb / 21P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3221 TI-TRSF3221 Datasheet
1Mb / 22P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3221CDBR TI1-TRSF3221CDBR Datasheet
505Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results

Similar Description - TRSF3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3237E TI-TRS3237E_1 Datasheet
411Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
TRS3237E TI-TRS3237E Datasheet
404Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3237E TI-MAX3237E_08 Datasheet
392Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3237E TI-MAX3237E Datasheet
233Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
SN65C3221 TI-SN65C3221 Datasheet
285Kb / 14P
[Old version datasheet]   3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI-SN65C3221_06 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI1-SN65C3221_15 Datasheet
658Kb / 19P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3221 TI1-TRSF3221 Datasheet
505Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com