Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1187BEUI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1187BEUI
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1187BEUI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1187BEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1187BEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1187BEUI Datasheet HTML 9Page - Maxim Integrated Products MAX1187BEUI Datasheet HTML 10Page - Maxim Integrated Products MAX1187BEUI Datasheet HTML 11Page - Maxim Integrated Products MAX1187BEUI Datasheet HTML 12Page - Maxim Integrated Products MAX1187BEUI Datasheet HTML 13Page - Maxim Integrated Products MAX1187BEUI Datasheet HTML 14Page - Maxim Integrated Products MAX1187BEUI Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Transfer Function
Figures 8, 9, and 10 show the MAX1179/MAX1187/
MAX1189’s output transfer functions. The MAX1179
and MAX1189 outputs are coded in offset binary, while
the MAX1187 is coded in standard binary.
Input Buffer
Most applications require an input buffer amplifier to
achieve 16-bit accuracy and prevent loading the
source. Switch the channels immediately after acquisi-
tion, rather than near the end of or after a conversion
when the input signal is multiplexed. This allows more
time for the input buffer amplifier to respond to a large
step-change in input signal. The input amplifier must
have a high enough slew rate to complete the required
output voltage change before the beginning of the
acquisition time. Figure 11 shows an example of this
circuit using the MAX427.
Figures 12a and 12b show how the MAX1179 and
MAX1189 analog input current varies depending on
whether the chip is operating or powered down. The
part is fully powered down between conversions if the
voltage at R/C is set high during the second falling
edge of CS. The input current abruptly steps to the
powered up value at the start of acquisition. This step
in the input current can disrupt the ADC input, depend-
ing on the driving circuit’s output impedance at high
frequencies. If the driving circuit cannot fully settle by
the end of acquisition time, the accuracy of the system
can be compromised. To avoid this situation, increase
the acquisition time, use a driving circuit that can settle
within tACQ, or leave the MAX1179/MAX1189 powered
up by setting the voltage at R/C low during the second
falling edge of CS.
Layout, Grounding, and Bypassing
For best performance, use printed circuit (PC) boards.
Do not run analog and digital lines parallel to each
other, and do not lay out digital signal paths under-
neath the ADC package. Use separate analog and dig-
ital ground planes with only one point connecting the
two ground systems (analog and digital) as close to the
device as possible.
Route digital signals far away from sensitive analog and
reference inputs. If digital lines must cross analog lines,
do so at right angles to minimize coupling digital noise
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
______________________________________________________________________________________
11
Figure 9. MAX1187 Transfer Function
OUTPUT CODE
65536
INPUT VOLTAGE (LSB)
INPUT RANGE = 0 TO +10V
2
1
03
65535
65534
11 . . . 111
11 . . . 110
11 . . . 101
00 . . . 011
00 . . . 010
00 . . . 001
00 . . . 000
FULL-SCALE RANGE
(FSR) = +10V
1LSB =
FSR x VREF
65536 x 4.096
FULL-SCALE
TRANSITION
Figure 10. MAX1189 Transfer Function
OUTPUT CODE
-32768
+32768
INPUT VOLTAGE (LSB)
INPUT RANGE = -10V TO +10V
0
-32766
-32767 -32765
+32767
+32766
-1
+1
11 . . . 1111
11 . . . 1110
11 . . . 1101
10 . . . 0001
10 . . . 0000
01 . . . 1111
00 . . . 0011
00 . . . 0010
00 . . . 0001
00 . . . 0000
FULL-SCALE RANGE
(FSR) = +20V
1LSB =
FSR x VREF
65536 x 4.096
FULL-SCALE
TRANSITION
Figure 8. MAX1179 Transfer Function
OUTPUT CODE
-32768
+32768
INPUT VOLTAGE (LSB)
INPUT RANGE = -5V TO +5V
0
-32766
-32767 -32765
+32767
+32766
-1
+1
11 . . . 1111
11 . . . 1110
11 . . . 1101
10 . . . 0001
10 . . . 0000
01 . . . 1111
00 . . . 0011
00 . . . 0010
00 . . . 0001
00 . . . 0000
FULL-SCALE RANGE
(FSR) = +10V
1LSB =
FSR x VREF
65536 x 4.096
FULL-SCALE
TRANSITION


Similar Part No. - MAX1187BEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX118 MAXIM-MAX118 Datasheet
102Kb / 12P
   5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX118 MAXIM-MAX118 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1180 MAXIM-MAX1180 Datasheet
573Kb / 20P
   Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2097; Rev 0; 7/01
MAX1180 MAXIM-MAX1180 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
More results

Similar Description - MAX1187BEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com