Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1187AEUI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1187AEUI
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1187AEUI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1187AEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1187AEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1187AEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1187AEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1187AEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1187AEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1187AEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1187AEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1187AEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +5V ±5%, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Normal operation
-1.8
+0.4
MAX1179,
-5V
≤ VAIN ≤ +5V
Shutdown mode
-1.8
+1.8
MAX1187,
0
≤ VAIN ≤ +10V
Normal/shutdown
mode
-0.1
+2.0
Normal operation
-1.8
+1.2
Input Current
IAIN
MAX1189,
-10V
≤ VAIN ≤ +10V
Shutdown mode
-1.8
+1.8
mA
MAX1179, VAIN = +5V, shutdown mode to
operating mode
1
1.4
Input Current Step at Power-Up
IPU
MAX1189, VAIN = +10V, shutdown mode to
operating mode
0.5
0.7
mA
Input Capacitance
CIN
10
pF
INTERNAL REFERENCE
REF Output Voltage
VREF
4.056
4.096
4.136
V
REF Output Tempco
±35
ppm/°C
REF Short-Circuit Current
IREF-(SC)
±10
mA
EXTERNAL REFERENCE
REF and REFADJ Input Voltage
Range
3.8
4.2
V
REFADJ Buffer Disable Threshold
AVDD -
0.4
AVDD -
0.1
V
Normal mode, fSAMPLE = 135ksps
60
100
REF Input Current
IREF
Shutdown mode (Note 1)
±0.1
±10
µA
REFADJ Input Current
IREFADJ
REFADJ = AVDD
16
µA
DIGITAL INPUTS/OUTPUTS
Output High Voltage
VOH
ISOURCE = 0.5mA, DVDD = +2.7V to +5.25V,
AVDD = +5.25V
DVDD -
0.4
V
Output Low Voltage
VOL
ISINK = 1.6mA, DVDD = +2.7V to +5.25V,
AVDD = +5.25V
0.4
V
Input High Voltage
VIH
0.7
×
DVDD
V
Input Low Voltage
VIL
0.3
×
DVDD
V
Input Leakage Current
Digital input = DVDD or 0V
-1
+1
µA
Input Hysteresis
VHYST
0.2
V
Input Capacitance
CIN
15
pF
Three-State Output Leakage
IOZ
±10
µA
Three-State Output Capacitance
COZ
15
pF


Similar Part No. - MAX1187AEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX118 MAXIM-MAX118 Datasheet
102Kb / 12P
   5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX118 MAXIM-MAX118 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1180 MAXIM-MAX1180 Datasheet
573Kb / 20P
   Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2097; Rev 0; 7/01
MAX1180 MAXIM-MAX1180 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
More results

Similar Description - MAX1187AEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com