Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM12454 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12454
Description  12-Bit Sign Data Acquisition System with Self-Calibration
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12454 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM12454 Datasheet HTML 1Page - National Semiconductor (TI) LM12454 Datasheet HTML 2Page - National Semiconductor (TI) LM12454 Datasheet HTML 3Page - National Semiconductor (TI) LM12454 Datasheet HTML 4Page - National Semiconductor (TI) LM12454 Datasheet HTML 5Page - National Semiconductor (TI) LM12454 Datasheet HTML 6Page - National Semiconductor (TI) LM12454 Datasheet HTML 7Page - National Semiconductor (TI) LM12454 Datasheet HTML 8Page - National Semiconductor (TI) LM12454 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
A+ and VD+)
6.0V
Voltage at Input and Output Pins
except IN0–IN3 (LM12454)
−0.3V to V
+ + 0.3V
and IN0–IN7 (LM12(H)458)
Voltage at Analog Inputs IN0–IN3 (LM12454)
and IN0–IN7 (LM12(H)458)
GND − 5V to V
+ +5V
|V
A+−VD+|
300 mV
Input Current at Any Pin (Note 3)
±5mA
Package Input Current (Note 3)
±20 mA
Power Dissipation (T
A = 25˚C)
V Package (Note 4)
875 mW
Storage Temperature
−65˚C to +150˚C
Lead Temperature
V Package, Infrared, 15 sec.
+300˚C
EL and W Packages,
Solder, 10 sec.
+250˚C
ESD Susceptibility (Note 5)
1.5 kV
LM12458MEL/883
2.0 kV
See AN-450 “Surface Mounting Methods and Their Effect on
Product Reliability” for other methods of soldering surface
mount devices.
Operating Ratings (Notes 1, 2)
Temperature Range
(T
min ≤ TA ≤ Tmax)
LM12454CIV/
LM12(H)458CIV
−40˚C
≤ T
A ≤ 85˚C
LM12458MEL/883
−55˚C
≤ T
A ≤ 125˚C
Supply Voltage
V
A+, VD+
3.0V to 5.5V
|V
A+−VD+|
≤100 mV
V
IN+ Input Range
GND
≤ V
IN+ ≤ VA+
V
IN− Input Range
GND
≤ V
IN− ≤ VA+
V
REF+ Input Voltage
1V
≤ V
REF+ ≤ VA+
V
REF− Input Voltage
0V
≤ V
REF− ≤ VREF+ −1V
V
REF+ −VREF−
1V
≤ V
REF ≤ VA+
V
REF Common Mode
Range (Note 16)
0.1 V
A
+
≤ V
REFCM ≤ 0.6 VA
+
Converter Characteristics (Notes 6, 7, 8, 9, 19)
The following specifications apply to the LM12454, LM12458, and LM12H458 for V
A+ = VD+ = 5V, VREF+ = 5V, VREF− = 0V,
12-bit + sign conversion mode, f
CLK = 8.0 MHz (LM12H458) or fCLK = 5.0 MHz (LM12454/8), RS = 25Ω, source impedance for
V
REF+ and VREF− ≤ 25Ω, fully-differential input with fixed 2.5V common-mode voltage, and minimum acquisition time unless
otherwise specified. Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Unit
(Note 10)
(Note 11)
(Limit)
ILE
Positive and Negative Integral
After Auto-Cal (Notes 12, 17)
±1/2
±1
LSB (max)
Linearity Error
TUE
Total Unadjusted Error
After Auto-Cal (Note 12)
±1
LSB
Resolution with No Missing Codes
After Auto-Cal (Note 12)
13
Bits (max)
DNL
Differential Non-Linearity
After Auto-Cal
±34
LSB (max)
Zero Error
After Auto-Cal (Notes 13, 17)
±1
LM12H458
±1/2
±1.5
LSB (max)
Positive Full-Scale Error
After Auto-Cal (Notes 12, 17)
±1/2
±2
LSB (max)
LM12(H)458MEL
±2.5
Negative Full-Scale Error
After Auto-Cal (Notes 12, 17)
±1/2
±2
LSB (max)
LM12(H)458MEL
±2.5
DC Common Mode Error
(Note 14)
±2
±3.5
LSB (max)
ILE
8-Bit + Sign and “Watchdog”
(Note 12)
Mode Positive and Negative
±1/2
LSB (max)
Integral Linearity Error
TUE
8-Bit + Sign and “Watchdog” Mode
After Auto-Zero
±1/2
±3/4
LSB (max)
Total Unadjusted Error
8-Bit + Sign and “Watchdog” Mode
9
Bits (max)
Resolution with No Missing Codes
DNL
8-Bit + Sign and “Watchdog” Mode
±3/4
LSB (max)
Differential Non-Linearity
8-Bit + Sign and “Watchdog” Mode
After Auto-Zero
±1/2
LSB (max)
Zero Error
8-Bit + Sign and “Watchdog” Positive
±1/2
LSB (max)
and Negative Full-Scale Error
www.national.com
4


Similar Part No. - LM12454

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM12454 ETC-LM12454 Datasheet
1Mb / 103P
   General Purpose Controller Z84C15
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12454

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com