Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJD3555 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # RJD3555
Description  Wearable electronic & IoT devices ??Memory backup circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

RJD3555 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  RJD3555 Datasheet HTML 1Page - Illinois Capacitor, Inc. RJD3555 Datasheet HTML 2Page - Illinois Capacitor, Inc. RJD3555 Datasheet HTML 3Page - Illinois Capacitor, Inc. RJD3555 Datasheet HTML 4Page - Illinois Capacitor, Inc. RJD3555 Datasheet HTML 5Page - Illinois Capacitor, Inc. RJD3555 Datasheet HTML 6Page - Illinois Capacitor, Inc. RJD3555 Datasheet HTML 7Page - Illinois Capacitor, Inc. RJD3555 Datasheet HTML 8Page - Illinois Capacitor, Inc. RJD3555 Datasheet HTML 9Page - Illinois Capacitor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
Highest power rating with long life – Standard parts stocked*
APPLICATIONS
Wearable electronic & IoT devices – Memory backup circuits
Nominal Voltage
3.7VDC (4.2VDC to 3.0VDC)
Operating Temperature
Range
-20°C to +60°C
Storage Temperature
Range
-20°C to +60°C (one month)
-20°C to +40°C (up to 3 months)
-20°C to +25°C (up to 1 year)
Storage Capacity
Nominal
See part listing 0.2C rate, 3.0V cut-off
Minimum
See part listing 0.2C rate, 3.0V cut-off
Charging Voltage
4.2VDC + 0.03V
Charging current
0.5CA
Charging Time
< 3.0 hours
Charging method
Constant Current/ Constant Voltage (CCCV)
Discharge Current
Standard
0.2CA
Maximum
2CA
Discharge Cut-off Voltage
3.0V
Anode
Graphite
Cathode
Lithium nickel manganese cobalt oxide
Standard Part Listing
IC
Part
Number
Capacity
(mAh)
Charging
Current
(mA)
Discharge
Current
(mA)
Maximum
Internal
Resistance
(mΩ)
Weight
(G)
Maximum
Diameter
(mm)
Height
(mm)
Nom.
Min.
STD
MAX
RJD2032C1
85
80
40
16
160
600
3.4
20
3.5
RJD2048
120
110
60
24
240
700
4.2
20.
5.0
RJD2430C1
110
104
55
22
220
500
4.5
24.5
3.15
RJD2440
150
140
75
30
300
700
5.4
24.5
4.3
RJD2450
200
190
100
40
400
500
6.5
24.5
5.4
RJD3032*
200
190
100
40
400
600
7.2
30
3.4
RJD3048*
300
290
150
60
600
400
9.3
30
4.8
RJD3555*
500
490
250
100
1000
200
14
35.2
5.7
* Additional stocked standard cells with PCM (protection circuit module) & connector
RJD3032HPPV30M
RJD3048HPPV30M
D3555HPPV30M


Similar Part No. - RJD3555

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RJD-10V102MG5G TAIYO-YUDEN-RJD-10V102MG5G Datasheet
257Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RJD]
RJD-10V102MG5GQ TAIYO-YUDEN-RJD-10V102MG5GQ Datasheet
258Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RJD]
RJD-10V102MH3G TAIYO-YUDEN-RJD-10V102MH3G Datasheet
257Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RJD]
RJD-10V102MH3GQ TAIYO-YUDEN-RJD-10V102MH3GQ Datasheet
258Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RJD]
RJD-10V102MH4G TAIYO-YUDEN-RJD-10V102MH4G Datasheet
257Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RJD]
More results

Similar Description - RJD3555

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OVM6211 OMNIVISION-OVM6211 Datasheet
1Mb / 2P
   Wearable Devices
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
   Wearable Devices
OVM9724 OMNIVISION-OVM9724 Datasheet
714Kb / 2P
   Wearable Devices
logo
Maxim Integrated Produc...
MAX30112 MAXIM-MAX30112 Datasheet
707Kb / 40P
   Wrist-Worn Wearable Devices
Rev 0; 5/17
MAX32625 MAXIM-MAX32625 Datasheet
1Mb / 27P
   High-Efficiency Microcontroller for Wearable Devices
Rev 0; 8/16
logo
Silicon Laboratories
BGM121 SILABS-BGM121 Datasheet
3Mb / 96P
   IoT end devices and gateways
logo
Maxim Integrated Produc...
DS2731 MAXIM-DS2731 Datasheet
214Kb / 20P
   Cache-Memory Battery-Backup Management IC
Rev 1; 1/09
logo
List of Unclassifed Man...
BH32T-C ETC1-BH32T-C Datasheet
59Kb / 1P
   MEMORY PROTECTION DEVICES
logo
Renesas Technology Corp
M62021L RENESAS-M62021L Datasheet
183Kb / 14P
   System Reset IC with Switch for Memory Backup
logo
NEC
2P4M NEC-2P4M Datasheet
311Kb / 1P
   Opto-Electronic Devices(NEPOC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com