Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AET04A36-L Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AET04A36-L
Description  Total Power: 20 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AET04A36-L Datasheet(HTML) 2 Page - Artesyn Technologies

  AET04A36-L Datasheet HTML 1Page - Artesyn Technologies AET04A36-L Datasheet HTML 2Page - Artesyn Technologies AET04A36-L Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AET 20 W Series Data Sheet
Ordering Information
Model Number
Input Voltage
Output Voltage 1
Output Voltage 2
Maximum Power
AET06G18-L
9 - 36 V
2.5 V @ 6 A
15 W
AET06F18-L
9 - 36 V
3.3 V @ 6 A
19.8 W
AET04A18-L
9 - 36 V
5 V @ 4 A
20 W
AET01B18-L
9 - 36 V
12 V @ 1.67 A
20 W
AET01C18-L
9 - 36 V
15 V @ 1.33 A
20 W
AET02AA18-L
9 - 36 V
5 V @ 2 A
-5 V @ 2 A
20 W
AET00BB18-L
9 - 36 V
12 V @ 0.835 A
-12 V @ 0.835 A
20 W
AET00CC18-L
9 - 36 V
15 V @ 0.665 A
-15 V @ 0.665 A
20 W
AET06G36-L
18 - 75 V
2.5 V @ 6 A
15 W
AET06F36-L
18 - 75 V
3.3 V @ 6 A
19.8 W
AET04A36-L
18 - 75 V
5 V @ 4 A
20 W
AET01B36-L
18 - 75 V
12 V @ 1.67 A
20 W
AET01C36-L
18 - 75 V
15 V @ 1.33 A
20 W
AET02AA36-L
18 - 75 V
5 V @ 2 A
-5 V @ 2 A
20 W
AET00BB36-L
18 - 75 V
12 V @ 0.835 A
-12 V @ 0.835 A
20 W
AET00CC36-L
18 - 75 V
15 V @ 0.665 A
-15 V @ 0.665 A
20 W


Similar Part No. - AET04A36-L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AET04A36-L ARTESYN-AET04A36-L Datasheet
473Kb / 3P
   1500 Vdc I/O isolation
More results

Similar Description - AET04A36-L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
AIF04ZPFC-01L ARTESYN-AIF04ZPFC-01L Datasheet
549Kb / 3P
   Total Power: 1600 Watts
AGH360-48S12-6L ARTESYN-AGH360-48S12-6L Datasheet
824Kb / 3P
   Total Power: 360 Watts
NPS62-M ARTESYN-NPS62-M Datasheet
589Kb / 3P
   Total Power: 60 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com