Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN5-24-3PM-C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # ADN5-24-3PM-C
Description  Total Power: 120-960 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ADN5-24-3PM-C Datasheet(HTML) 1 Page - Artesyn Technologies

  ADN5-24-3PM-C Datasheet HTML 1Page - Artesyn Technologies ADN5-24-3PM-C Datasheet HTML 2Page - Artesyn Technologies ADN5-24-3PM-C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
ADN-C Series 3-Phase
120-960 Watts
Total Power: 120-960 Watts
Input Voltage: 380-480 Vac
# Outputs:
Single
SPECIAL FEATURES
ƒ
Slim form factor
ƒ
Five year warranty
ƒ
High efficiency up to 94%
ƒ
Full power at 60 °C
ƒ
Power Boost™
ƒ
Industrial grade design
• Metal case
ƒ
MTBF > 500,000h
ƒ
Adjustable output
ƒ
Overvoltage protection with
auto recovery
ƒ
Continuous short circuit and
overload protection
ƒ
New visual diagnostic LED
ƒ
Three Status LEDs
• Input
• Output
• Alarm
ƒ
DC OK relay
ƒ
Parallel operation capability
ƒ
Screw terminal connections
ƒ
RoHS compliant
ƒ
No tools required for mounting
SAFETY
ƒ
UL508, cULus Listed
ƒ
UL 60950-1, cURus 2nd edition
ƒ
IEC60950-1 2nd edition
ƒ
Class I, Div 2 Hazardous Locations
ƒ
IP20
ƒ
CE
Electrical Specifications
Input
Nominal voltage
380 - 480 Vac
AC input range
320 - 540 Vac
DC input range
450 - 760 Vdc for ADN5, ADN10 & ADN20
Frequency
50 - 60 Hz
Efficiency
Up to 94%
PFC
Active power factor correction for ADN20 & ADN40;
meet EN61000-3-2 Class A
Phase input
ADN5 and ADN10 will operate with single phase input at 100% load
Derate to 75% and 50% for ADN20 and ADN40 respectively under loss
of 1 phase; Units will shut down if thermal threshold is exceeded under
this condition
Output
Nominal voltage
24 V (24.0 - 28.0 Vdc Adj.)
Hold-up time
> 20 ms for ADN5, ADN10 & ADN20; > 15 ms for ADN40
Voltage regulation
< ± 2% overall
Ripple
< 100 mVpp
Current limit
PowerBoost™
Peak current
2x nominal current for < 2 sec for ADN5 & ADN10;
1.5x nominal current for 4 seconds minimum while holding voltage > 20 Vdc
for ADN20 & ADN40
Parallel operation
Single or parallel operation selectable via front switch. For redundant
operation use of external diode module is preferred;
ADN40 uses active paralleling
Power back immunity
< 35 V
Overvoltage protection
> 30.5 Vdc, but < 33 Vdc, auto recovery
Data Sheet


Similar Part No. - ADN5-24-3PM-C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ADN5-24-3PM ASTEC-ADN5-24-3PM Datasheet
377Kb / 2P
   120-960 Watts
More results

Similar Description - ADN5-24-3PM-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADN5-24-1PM-C ARTESYN-ADN5-24-1PM-C Datasheet
516Kb / 3P
   Total Power: 120-960 Watts
AVO120-48S12-4L ARTESYN-AVO120-48S12-4L Datasheet
498Kb / 3P
   Total Power: 120 Watts
AVD100-48S05-6L ARTESYN-AVD100-48S05-6L Datasheet
497Kb / 3P
   Total Power: 100 - 120 Watts
logo
Astec America, Inc
ADN5-24-3PM ASTEC-ADN5-24-3PM Datasheet
377Kb / 2P
   120-960 Watts
logo
Artesyn Technologies
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com