Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AET06G18-L Datasheet(PDF) 3 Page - Artesyn Technologies

Part # AET06G18-L
Description  Total Power: 20 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AET06G18-L Datasheet(HTML) 3 Page - Artesyn Technologies

  AET06G18-L Datasheet HTML 1Page - Artesyn Technologies AET06G18-L Datasheet HTML 2Page - Artesyn Technologies AET06G18-L Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AET 20 W Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2015 Artesyn Embedded Technologies, Inc.
www.artesyn.com
AET 20W Series DS 18May2015
Mechanical Drawing - Single Output
12.19
(0.48)
5.08
(0.20)
45.72
(1.80)
50.80
(2.00)
OUT=5Vdc/4A
IN=9-36Vdc
AET04A18-L
Top View
Date Code
Enable
-Vin
+Vin
2.54
(0. 10)
15.23
(0.60)
5.08
(0. 20)
Bottom View
7.63
(0.30)
40.64
(1.60)
Trim
-Vout
+Vout
2.54
(0. 10)
10.16
(0.40)
5.08
(0. 20)
10.16
(0.40)
Label
RoHS
Pb
15.24
(0. 60)
Trim
-Vout
+Vout
Enable
-Vin
+Vin
Units: mm (inch)
Tolerance: xx ± 0.50
(± 0.02)
(0.04)
Ø1.0
50.80
(2.00)
45.72
(1.80)
7.63
(0.30)
Enable
+Vin
Date Code
Top View
-Vin
Pb
RoHS
AET02AA18-L
IN=9-36Vdc
OUT=±5Vdc/ ±2A
5.0 8
(0. 20)
15.23
(0.60)
Bottom View
2.5 4
(0. 10)
Label
5.08
(0.20)
40.64
(1.60)
Trim
+Vout
-Vout
COM
10.16
(0. 40)
5.0 8
(0. 20)
2.5 4
(0. 10)
10.1 6
(0. 40)
5.0 8
(0. 20)
10.1 6
(0. 40)
12.19
(0.48)
Enable
-Vin
+Vin
Trim
-Vout
+Vout
COM
Units: mm (inch)
Tolerance: xx ± 0.50
(±0.02)
(0.04)
Ø1.0
Mechanical Drawing - Dual Output


Similar Part No. - AET06G18-L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AET06G18-L ARTESYN-AET06G18-L Datasheet
473Kb / 3P
   1500 Vdc I/O isolation
More results

Similar Description - AET06G18-L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
AIF04ZPFC-01L ARTESYN-AIF04ZPFC-01L Datasheet
549Kb / 3P
   Total Power: 1600 Watts
AGH360-48S12-6L ARTESYN-AGH360-48S12-6L Datasheet
824Kb / 3P
   Total Power: 360 Watts
NPS62-M ARTESYN-NPS62-M Datasheet
589Kb / 3P
   Total Power: 60 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com