Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6846 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6846
Description  Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6846 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6846 Datasheet HTML 1Page - Maxim Integrated Products MAX6846 Datasheet HTML 2Page - Maxim Integrated Products MAX6846 Datasheet HTML 3Page - Maxim Integrated Products MAX6846 Datasheet HTML 4Page - Maxim Integrated Products MAX6846 Datasheet HTML 5Page - Maxim Integrated Products MAX6846 Datasheet HTML 6Page - Maxim Integrated Products MAX6846 Datasheet HTML 7Page - Maxim Integrated Products MAX6846 Datasheet HTML 8Page - Maxim Integrated Products MAX6846 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Power, Adjustable Battery Monitors with
Hysteresis and Integrated µP Reset
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 1.6V to 5.5V, VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LBO, LBOL, LBOH Output
Open-Drain Leakage Current
Output deasserted
500
nA
MAX68_ _ _ _ T
3.000
3.075
3.150
MAX68_ _ _ _ S
2.850
2.925
3.000
MAX68_ _ _ _ R
2.550
2.625
2.700
MAX68_ _ _ _ Z
2.250
2.313
2.375
MAX68_ _ _ _ Y
2.125
2.188
2.250
MAX68_ _ _ _ W
1.620
1.665
1.710
VCC Reset Threshold
VTH
MAX68_ _ _ _ V
1.530
1.575
1.620
V
VCC Reset Hysteresis
0.3
%
VCC to RESET Delay
tRD
VCC falling at 10mV/µs from (VTH + 100mV)
to (VTH - 100mV)
50
µs
MAX68_ _ _ _ _ D3
150
225
300
VCC to RESET Timeout Period
tRP
MAX68_ _ _ _ _ D7
1200
1800
2400
ms
VIL
0.3 x VCC
MR Input Voltage
VIH
0.7 x VCC
V
MR Minimum Pulse Width
tMPW
1µs
MR Glitch Rejection
100
ns
MR to RESET Delay
200
ns
MR Reset Timeout Period
tMRP
150
225
300
ms
MR Pullup Resistance
MR to VCC
750
1500
2250
MR Rising Debounce Period
tDEB
(Note 3)
150
225
300
ms
VCC
≥ 1.53V, ISOURCE = 100µA, RESET
deasserted
0.8 x VCC
RESET Output High
(Push-Pull)
VOH
VCC
≥ 2.55V, ISOURCE = 500µA, RESET
deasserted
0.8 x VCC
V
VCC
≥ 1.0V, ISINK = 50µA, RESET asserted
0.3
VCC
≥ 1.2V, ISINK = 100µA, RESET asserted
0.3
RESET Output Low
VOL
VCC
≥ 2.12V, ISINK = 1.2mA, RESET
asserted
0.3
V
RESET Output Leakage Current
(Open Drain)
RESET deasserted
500
nA
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design only.
Note 2: The device is powered up by the highest voltage between VDD and VCC.
Note 3: MR input ignores falling input pulses, which occur within the MR debounce period (tDEB) after a valid MR reset assertion.
This prevents invalid reset assertion due to switch bounce.


Similar Part No. - MAX6846

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6846KA MAXIM-MAX6846KA Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
More results

Similar Description - MAX6846

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841 MICREL-MIC841_15 Datasheet
850Kb / 11P
   Comparator with 1.25% Reference and Adjustable Hysteresis
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com