Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1179AEUI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1179AEUI
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1179AEUI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1179AEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1179AEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1179AEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1179AEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1179AEUI Datasheet HTML 9Page - Maxim Integrated Products MAX1179AEUI Datasheet HTML 10Page - Maxim Integrated Products MAX1179AEUI Datasheet HTML 11Page - Maxim Integrated Products MAX1179AEUI Datasheet HTML 12Page - Maxim Integrated Products MAX1179AEUI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
completing a conversion. The reference and reference
buffer require a minimum of 12ms (CREFADJ = 0.1µF,
CREF = 10µF) to power up and settle from shutdown.
The state of R/C during the second falling edge of CS
selects which power-down mode the MAX1179/
MAX1187/MAX1189 enters upon conversion comple-
tion. Holding R/C low causes the MAX1179/MAX1187/
MAX1189 to enter standby mode. The reference and
buffer are left on after the conversion completes. R/C
high causes the MAX1179/MAX1187/MAX1189 to enter
shutdown mode and power down the reference and
buffer after conversion (see Figures 5 and 6). Set the
voltage at REF high during the second falling edge of
CS to realize the lowest current operation.
Standby Mode
While in standby mode, the supply current is less than
3.7mA (typ). The next falling edge of CS with R/C low
causes the MAX1179/MAX1187/MAX1189 to exit stand-
by mode and begin acquisition. The reference and ref-
erence buffer remain active to allow quick turn-on time.
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
_______________________________________________________________________________________
9
Figure 4. Equivalent Input Circuit
MAX1187
R2
R3
161
3.4k
TRACK
TRACK
HOLD
HOLD
S1, S2 = T/H SWITCH
S3 = POWER-DOWN
(MAX1179/MAX1189
ONLY)
S1
CHOLD
30pF
S2
AIN
MAX1179/MAX1189
R2
R3
161
3.4k
S3
POWER-
DOWN
TRACK
TRACK
HOLD
HOLD
REF
R2 = 7.85k
Ω (MAX1189)
OR 3.92k
Ω (MAX1179/MAX1187)
R3 = 5.45k
Ω (MAX1189)
OR 17.79k
Ω (MAX1179/MAX1187)
S1
CHOLD
30pF
S2
AIN
T/H OUT
T/H OUT
Figure 5. Selecting Standby Mode
CS
R/C
EOC
ACQUISITION
CONVERSION
DATA
OUT
REF AND
BUFFER
POWER


Similar Part No. - MAX1179AEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results

Similar Description - MAX1179AEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com